Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN23SV56AMPX Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN23SV56AMPX
Description  6A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN23SV56AMPX Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN23SV56AMPX Datasheet HTML 6Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 7Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 8Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 9Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 10Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 11Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 12Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 13Page - ON Semiconductor FAN23SV56AMPX Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN23SV56A • Rev. 1.0
9
Typical Performance Characteristics
Tested using evaluation board circuit shown in Figure 1 with VIN=19 V, VOUT=1.2 V, fSW=500 kHz, TA=25°C, and
no airflow; unless otherwise specified.
Figure 6. Efficiency vs. Load Current with VIN=19 V
and fSW=500 kHz
Figure 7. Efficiency vs. Load Current with VIN=12 V
and fSW=500 kHz
Figure 8. Efficiency vs. Load Current with VIN=19 V
and VOUT=1.2 V
Figure 9. Efficiency vs. Load Current with VIN=12 V
and VOUT=1.2 V
Figure 10.Case Temperature Rise vs. Load Current
on 4 Layer PCB, 1 oz Copper, 7 cm x 7 cm
Figure 11.Case Temperature Rise vs. Load Current
on 4 Layer PCB, 1 oz Copper, 7 cm x 7 cm
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
19VIN_1.05VOUT_500KHZ_1.2UH
19VIN_1.2VOUT_500KHZ_1.2UH
19VIN_3.3VOUT_500KHZ_2.4UH
19VIN_5VOUT_500KHZ_3.3UH
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
12VIN_1.05VOUT_500KHZ_1.2UH
12VIN_1.2VOUT_500KHZ_1.2UH
12VIN_3.3VOUT_500KHZ_2.4UH
12VIN_5VOUT_500KHZ_3.3UH
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
19VIN_1.2VOUT_300KHZ_1.8UH
19VIN_1.2VOUT_500KHZ_1.2UH
19VIN_1.2VOUT_1MHZ_0.56UH
19VIN_1.2VOUT_1.5MHZ_0.4UH
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
12VIN_1.2VOUT_300KHZ_1.8UH
12VIN_1.2VOUT_500KHZ_1.2UH
12VIN_1.2VOUT_1MHZ_0.56UH
12VIN_1.2VOUT_1.5MHZ_0.4UH
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
Load Current (A)
12VIN_1.2VOUT_1.5MHz_0.4uH
12VIN_1.2VOUT_1MHz_0.56uH
12VIN_1.2VOUT_500kHz_1.2uH
0
10
20
30
40
50
60
0
2
4
6
8
10
Load Current (A)
19VIN_1.2VOUT_1.5MHz_0.4uH
19VIN_1.2VOUT_1MHz_0.56uH
19VIN_1.2VOUT_500kHz_1.2uH


Similar Part No. - FAN23SV56AMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN23SV04TMPX FAIRCHILD-FAN23SV04TMPX Datasheet
1Mb / 17P
   FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
logo
ON Semiconductor
FAN23SV06AMPX ONSEMI-FAN23SV06AMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV06PAMPX ONSEMI-FAN23SV06PAMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
More results

Similar Description - FAN23SV56AMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
   6A Synchronous Buck Regulator
Rev. 1.0
FAN2306MAMPX ONSEMI-FAN2306MAMPX Datasheet
1Mb / 22P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV06AMPX ONSEMI-FAN23SV06AMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
logo
Alpha & Omega Semicondu...
AOZ6606PI AOSMD-AOZ6606PI Datasheet
992Kb / 16P
   EZBuckTM 6A Synchronous Buck Regulator
Rev. 1.1 November 2018
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
   EZBuck 6A Synchronous Buck Regulator
logo
Texas Instruments
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
logo
List of Unclassifed Man...
ZSPM4022-06 ETC2-ZSPM4022-06 Datasheet
1Mb / 38P
   12V/6A Synchronous DC/DC Buck Regulator
logo
International Rectifier
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com