Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4544DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI4544DY
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4544DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4544DY Datasheet HTML 1Page - Vishay Siliconix SI4544DY Datasheet HTML 2Page - Vishay Siliconix SI4544DY Datasheet HTML 3Page - Vishay Siliconix SI4544DY Datasheet HTML 4Page - Vishay Siliconix SI4544DY Datasheet HTML 5Page - Vishay Siliconix SI4544DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si4544DY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2
Document Number: 70768
S-56944—Rev. C, 23-Nov-98
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
VDS = VGS, ID = 250 mA
N-Ch
1.0
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
P-Ch
–1.0
V
"
N-Ch
"100
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
P-Ch
"100
nA
VDS = 30 V, VGS = 0 V
N-Ch
1
VDS = –30 V, VGS = 0 V
P-Ch
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
N-Ch
5
mA
VDS = –30 V, VGS = 0 V, TJ = 55_C
P-Ch
–5
VDS w 5 V, VGS = 10 V
N-Ch
20
VDS w –5 V, VGS = –10 V
P-Ch
–20
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
N-Ch
5
A
VDS w –5 V, VGS = –4.5 V
P-Ch
–5
VGS = 10 V, ID = 6.5 A
N-Ch
0.027
0.035
VGS = –10 V, ID = –5.7 A
P-Ch
0.036
0.045
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 5.4 A
N-Ch
0.038
0.050
W
VGS = –4.5 V, ID = –4.0 A
P-Ch
0.060
0.090
VDS = 15 V, ID = 6.5 A
N-Ch
15
Forward Transconductancea
gfs
VDS = –15 V, ID = – 5.7 A
P-Ch
9
S
IS = 1.7 A, VGS = 0 V
N-Ch
0.75
1.2
Diode Forward Voltagea
VSD
IS = –1.7 A, VGS = 0 V
P-Ch
–0.75
–1.2
V
Dynamicb
N-Ch
18
35
Total Gate Charge
Qg
N-Channel
P-Ch
19
40
N-Channel
VDS = 15 V, VGS = 10 V, ID = 6.5 A
N-Ch
4.2
Gate-Source Charge
Qgs
P-Channel
P-Ch
4.5
nC
VDS = –15 V, VGS = –10 V, ID = –5.7 A
N-Ch
3.5
Gate-Drain Charge
Qgd
P-Ch
3.6
N-Ch
13
30
Turn-On Delay Time
td(on)
P-Ch
13
30
N-Channel
W
N-Ch
12
30
Rise Time
tr
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
P-Ch
15
30
P-Channel
W
N-Ch
31
60
Turn-Off Delay Time
td(off)
P-Channel
VDD = –15 V, RL = 15 W
I
^ –1 A, V
= –10 V, R = 6
W
P-Ch
37
70
ns
ID ^ –1 A, VGEN = –10 V, RG = 6 W
N-Ch
10
30
Fall Time
tf
P-Ch
14
30
Source-Drain
IF = 1.7 A, di/dt = 100 A/ms
N-Ch
30
70
Source-Drain
Reverse Recovery Time
trr
IF = –1.7 A, di/dt = 100 A/ms
P-Ch
35
70
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn