Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN23SV20MAMPX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN23SV20MAMPX
Description  20A Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN23SV20MAMPX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN23SV20MAMPX Datasheet HTML 3Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 4Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 5Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 6Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 7Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 8Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 9Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 10Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN23SV20
MAMPX • Rev. 1.1
6
Electrical Characteristics
Unless otherwise noted; VIN=12 V, VOUT=1.2 V, and TA = TJ = -40 to +125°C.
(1)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Current
IVIN,SD
Shutdown Current
EN=0 V
16
µA
IVIN,Q
Quiescent Current
EN=5 V, Not Switching
1.8
mA
IVIN,GateCharge Gate Charge Current
EN=5 V, fSW=500 kHz
22
mA
Linear Regulator
VREG
Regulator Output Voltage
4.75
5.05
5.25
V
IREG
Regulator Current Limit
60
mA
Reference, Feedback Comparator
VFB
FB Voltage Trip Point
590
596
602
mV
IFB
FB Pin Bias Current
-100
0
100
nA
Modulator
tON
On-Time Accuracy
-20
20
%
tOFF,MIN
Minimum SW Off-Time
320
374
ns
DMIN
Minimum Duty Cycle
FB=1 V
0
%
Soft-Start
ISS
Soft-Start Current
SS=0.5 V
7
10
13
µA
tON,SSMOD
SS On-Time Modulation
SS<0.6 V
25
100
%
VSSCLAMP,NOM Nominal Soft-Start Voltage Clamp
VFB=0.6 V
400
mV
VSSCLAMP,OVL
Soft-Start Voltage Clamp in Overload
Condition
VFB=0.3 V, OC Condition
40
mV
PFM Zero-Crossing Detection Comparator
VOFF
ZCD Offset Voltage
TA=TJ=25°C
-6
0
mV
Current Limit
ILIM
Valley Current Limit Accuracy
TA=TJ=25°C, IVALLEY=24 A
-10
10
%
KILIM
ILIM Set-Point Scale Factor
80
ILIMTC
Temperature Coefficient
4000
ppm/°C
Continued on the following page…


Similar Part No. - FAN23SV20MAMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN23SV04TMPX FAIRCHILD-FAN23SV04TMPX Datasheet
1Mb / 17P
   FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
logo
ON Semiconductor
FAN23SV06AMPX ONSEMI-FAN23SV06AMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV06PAMPX ONSEMI-FAN23SV06PAMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
More results

Similar Description - FAN23SV20MAMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN23SV70AMPX ONSEMI-FAN23SV70AMPX Datasheet
2Mb / 22P
   20A Synchronous Buck Regulator
April 2016 Rev. 1.1
logo
Linear Technology
LTC7150SEY LINER-LTC7150SEY Datasheet
435Kb / 8P
   High Efficiency 20A Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ2367QI-11 AOSMD-AOZ2367QI-11 Datasheet
1Mb / 18P
   24V/20A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ2387QI AOSMD-AOZ2387QI Datasheet
3Mb / 18P
   25V/20A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ2377QI AOSMD-AOZ2377QI Datasheet
2Mb / 17P
   24V/20A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
AOZ2366QI AOSMD-AOZ2366QI Datasheet
1Mb / 18P
   28V/20A Synchronous EZBuckTM Regulator
Rev. 1.2 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com