Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN23SV20MAMPX Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN23SV20MAMPX
Description  20A Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN23SV20MAMPX Datasheet(HTML) 4 Page - ON Semiconductor

  FAN23SV20MAMPX Datasheet HTML 1Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 2Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 3Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 4Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 5Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 6Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 7Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 8Page - ON Semiconductor FAN23SV20MAMPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN23SV20
MAMPX • Rev. 1.1
3
Functional Block Diagram
Control
Logic
PVCC
PVCC
VCC
Modulator
VCC
Thermal
Shutdown
2
nd Level OVP
Comparator
1
st Level OVP
Comparator
Under-Voltage
Comparator
FB
Comparator
Current Limit
Comparator
PFM
Comparator
HS Gate
Driver
LS Gate
Driver
VREF
x1.2
x1.1
x0.9
VCC
Linear
Regulator
VCC UVLO
PVCC
SW
PGND
ILIM
PGOOD
FREQ
FB
SS
VCC
PVCC
VIN
BOOT
PVIN
AGND
VCC
EN
ENABLE
10µA
10µA
1.26V/1.14V
Figure 3. Block Diagram


Similar Part No. - FAN23SV20MAMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN23SV04TMPX FAIRCHILD-FAN23SV04TMPX Datasheet
1Mb / 17P
   FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
logo
ON Semiconductor
FAN23SV06AMPX ONSEMI-FAN23SV06AMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV06PAMPX ONSEMI-FAN23SV06PAMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
More results

Similar Description - FAN23SV20MAMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN23SV70AMPX ONSEMI-FAN23SV70AMPX Datasheet
2Mb / 22P
   20A Synchronous Buck Regulator
April 2016 Rev. 1.1
logo
Linear Technology
LTC7150SEY LINER-LTC7150SEY Datasheet
435Kb / 8P
   High Efficiency 20A Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ2367QI-11 AOSMD-AOZ2367QI-11 Datasheet
1Mb / 18P
   24V/20A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ2387QI AOSMD-AOZ2387QI Datasheet
3Mb / 18P
   25V/20A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ2377QI AOSMD-AOZ2377QI Datasheet
2Mb / 17P
   24V/20A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
AOZ2366QI AOSMD-AOZ2366QI Datasheet
1Mb / 18P
   28V/20A Synchronous EZBuckTM Regulator
Rev. 1.2 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com