Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZK12.071 Datasheet(PDF) 2 Page - PULS GmbH

Part # UZK12.071
Description  BATTERY MODULE 12V, 7AH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZK12.071 Datasheet(HTML) 2 Page - PULS GmbH

  UZK12.071 Datasheet HTML 1Page - PULS GmbH UZK12.071 Datasheet HTML 2Page - PULS GmbH UZK12.071 Datasheet HTML 3Page - PULS GmbH UZK12.071 Datasheet HTML 4Page - PULS GmbH UZK12.071 Datasheet HTML 5Page - PULS GmbH UZK12.071 Datasheet HTML 6Page - PULS GmbH UZK12.071 Datasheet HTML 7Page - PULS GmbH UZK12.071 Datasheet HTML 8Page - PULS GmbH UZK12.071 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UZK12.071, UZO12.07
U-Series
BATTERY MODULE 12V, 7AH
INDEX
Page
Page
1.
General Description ............................................1
2.
Short-form Data ..................................................1
3.
Order Numbers....................................................1
4.
Markings ..............................................................1
5.
Intended Use .......................................................3
6.
Instructions for Disposal of the Batteries...........3
7.
Instructions for Battery Storage .........................3
8.
Installation Instructions ......................................3
9.
Hazardous Location Installation Instructions.....4
10. Instructions for Replacing Batteries ...................5
11. Environment ....................................................... 6
12. Terminals and Wiring......................................... 6
13. Protection Features ............................................ 7
14. Approvals ............................................................ 7
15. Other Fulfilled Standards ................................... 7
16. Physical Dimensions and Weight ....................... 8
17. Wall/ Panel Mounting ........................................ 9
18. Recommendations for a Long Battery Life ..... 10
19. Mounting Orientations .................................... 11
The information given in this document is correct to the best of our knowledge and experience at the time of
publication. If not expressly agreed otherwise, this information does not represent a warranty in the legal sense of the
word. As the state of our knowledge and experience is constantly changing, the information in this data sheet is
subject to revision. We therefore kindly ask you to always use the latest issue of this document (available under
www.pulspower.com).
No part of this document may be reproduced or utilized in any form without our prior permission in writing.
WARNING
Risk of electrical shock, fire, personal injury or death.
- Turn power off before working on the device. Protect against inadvertent re-powering.
- Do not modify or repair the unit.
- Use caution to prevent any foreign objects from entering the housing.
- Do not use in wet locations or in areas where moisture or condensation can be expected.
- Do not touch during power-on, and immediately after power-off. Hot surfaces may cause burns.
Aug. 2017 / Rev. 2.2 DS-UZK12.071
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/11


Similar Part No. - UZK12.071

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
More results

Similar Description - UZK12.071

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.072 PULS-UZK12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
UZB12.071 PULS-UZB12.071 Datasheet
166Kb / 6P
   BATTERY REPLACEMENT 12V, 7AH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK12.261 PULS-UZK12.261_17 Datasheet
403Kb / 10P
   BATTERY MODULE 12V, 26AH
UZK12.261 PULS-UZK12.261 Datasheet
249Kb / 8P
   BATTERY MODULE 12V, 26AH
UZB12.261 PULS-UZB12.261 Datasheet
184Kb / 6P
   BATTERY REPLACEMENT 12V, 26AH
UZB12.051 PULS-UZB12.051 Datasheet
171Kb / 6P
   BATTERY REPLACEMENT 12V, 5AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
   BATTERY REPLACEMENT 12V, 12AH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com