Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP10.122 Datasheet(PDF) 10 Page - PULS GmbH

Part # CP10.122
Description  12V, 16A, 192W, SINGLE PHASE INPUT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.122 Datasheet(HTML) 10 Page - PULS GmbH

Back Button CP10.122 Datasheet HTML 6Page - PULS GmbH CP10.122 Datasheet HTML 7Page - PULS GmbH CP10.122 Datasheet HTML 8Page - PULS GmbH CP10.122 Datasheet HTML 9Page - PULS GmbH CP10.122 Datasheet HTML 10Page - PULS GmbH CP10.122 Datasheet HTML 11Page - PULS GmbH CP10.122 Datasheet HTML 12Page - PULS GmbH CP10.122 Datasheet HTML 13Page - PULS GmbH CP10.122 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CP10.121, CP10.122
CP-Series
12V, 16A, 192W, SINGLE PHASE INPUT
10. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
92.1%
92.8%
94.3%
At 12V, 16A
typ.
92.0%
92.7%
94.2%
At 12V, 19.2A
Average efficiency*)
typ.
91.6%
92.2%
93.3%
At 25% at 4A, 25% at 8A,
25% at 12A. 25% at 16A
Power losses
typ.
0.5W**)
0.5W**)
0.6W**)
At Remote OFF
typ.
3.1W
3.0W
2.5W
At 12V, 0A
typ.
8.0W
7.8W
6.7W
At 12V, 8A
typ.
16.5W
14.9W
11.6W
At 12V, 16A
typ.
20.0W
18.1W
13.9W
At 12V, 19.2A
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
**) In OFF mode, the unit fulfills the ErP requirements of the European Union.
Fig. 10-1 Efficiency vs. output current at 12V,
typ.
Fig. 10-2 Losses vs. output current at 12V,
typ.
Efficiency
Power Losses
0
2
6
8
12 14
20A
4
0
8
12
16
24W
2
4
6
8 10 12
16 18 20A
89
90
91
92
93
94
95%
Output Current
18
20
10/28
14
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
4
10
16
Output Current
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
Fig. 10-3 Efficiency vs. input voltage at 12V,
16A, typ.
Fig. 10-4 Losses vs. input voltage at 12V, 16A,
typ.
Efficiency
Power Losses
120
180
230
264Vac
90
91
92
93
Input Voltage
94
95
96%
120
180
230
264Vac
8
10
12
14
Input Voltage
16
18
20W
100
100
Aug. 2017 / Rev. 1.3 DS-CP10.121-EN
All parameters are typical values specified at 230Vac, 50Hz input voltage, 12V 16A output, 25°C ambient temperature and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CP10.122

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
   SINGLE PHASE INPUT
More results

Similar Description - CP10.122

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML60.121 PULS-ML60.121 Datasheet
635Kb / 23P
   12V, 4.5A, SINGLE PHASE INPUT
QS10.121 PULS-QS10.121 Datasheet
779Kb / 26P
   12V, 15A, SINGLE PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
   12V, 1.3A, SINGLE PHASE INPUT
ML60.122 PULS-ML60.122 Datasheet
636Kb / 23P
   12V, 4.5A, SINGLE PHASE INPUT
CPS20.121 PULS-CPS20.121 Datasheet
718Kb / 26P
   12V, 30A, SINGLE PHASE INPUT
CT5.121 PULS-CT5.121 Datasheet
574Kb / 21P
   12V, 8A, TWO-PHASE INPUT
logo
Frontier Electronics.
BU16-005 FRONTIER-BU16-005 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com