Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP5.241 Datasheet(PDF) 5 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 5 Page - PULS GmbH

  CP5.241 Datasheet HTML 1Page - PULS GmbH CP5.241 Datasheet HTML 2Page - PULS GmbH CP5.241 Datasheet HTML 3Page - PULS GmbH CP5.241 Datasheet HTML 4Page - PULS GmbH CP5.241 Datasheet HTML 5Page - PULS GmbH CP5.241 Datasheet HTML 6Page - PULS GmbH CP5.241 Datasheet HTML 7Page - PULS GmbH CP5.241 Datasheet HTML 8Page - PULS GmbH CP5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CP5.241, CP5.241-C1, CP5.241-S1,
CP5.241-S2, CP5.242
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Feb. 2018 / Rev. 0.3 DS-CP5.241-EN
All parameters are typical values specified at 230Vac, 50Hz input voltage, 24V, 5A output load,
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
4. DC-INPUT
The device is suitable to be supplied from a DC input voltage. Use a battery or a similar DC source. A supply from the
intermediate DC-bus of a frequency converter is not recommended and can cause a malfunction or damage the unit.
Connect +pole to L, –pole to N and the PE terminal to an earth wire or to the machine ground.
DC input
Nom.
DC 110-150V
±20%
For CP5.241, CP5.241-C1, CP5.241-S1, CP5.241-S2
Nom.
DC 110-300V
±20%
For CP5.242
DC input range
Min.
88-180Vdc
Continuous operation
For CP5.241, CP5.241-C1, CP5.241-S1, CP5.241-S2
88-360Vdc
Continuous operation for CP5.242
DC input current
Typ.
1.21A
At 110Vdc, at 24V, 5A
Typ.
0.43A
At 300Vdc, at 24V, 5A
Allowed Voltage (+) or (-) input
to Earth
Max.
360Vdc
Continuous according to IEC 62477-1
Turn-on voltage
Typ.
74Vdc
Steady state value
Shut-down voltage
Typ.
67Vdc
Steady state value
Fig. 4-1 Wiring for DC Input
5/28
+
-
Load
L
PE
+
-
Power Supply
AC
DC
Battery
N


Similar Part No. - CP5.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
   24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
881Kb / 26P
   24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-S1 PULS-CP5.241-S1 Datasheet
881Kb / 26P
   24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-S2 PULS-CP5.241-S2 Datasheet
881Kb / 26P
   24V, 5A, 120W, SINGLE PHASE INPUT
More results

Similar Description - CP5.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
   24V, 5A, 120W, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
logo
Weidmuller
2838440000 WEIDMULLER-2838440000 Datasheet
737Kb / 5P
   PRO BAS 120W 24V 5A
logo
PULS GmbH
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
   24V, 5A, TWO-PHASE INPUT
logo
Weidmuller
8951340000 WEIDMULLER-8951340000 Datasheet
99Kb / 4P
   CP M SNT 120W 24V 5A
logo
PULS GmbH
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com