Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3440DV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI3440DV
Description  N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3440DV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3440DV Datasheet HTML 1Page - Vishay Siliconix SI3440DV Datasheet HTML 2Page - Vishay Siliconix SI3440DV Datasheet HTML 3Page - Vishay Siliconix SI3440DV Datasheet HTML 4Page - Vishay Siliconix SI3440DV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si3440DV
Vishay Siliconix
New Product
Document Number: 72380
S-32412—Rev. B, 24-Nov-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
80
160
240
320
0
1020
3040
5060
7080
0.5
1.0
1.5
2.0
2.5
−50
−25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
123
456
0.0
0.1
0.2
0.3
0.4
0.5
01234
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 75 V
ID = 1.5 A
ID − Drain Current (A)
VGS = 10 V
ID = 1.5 A
VGS = 10 V
VGS = 6.0 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
0
2468
10
TJ = 150_C
TJ = 25_C
ID = 1.5 A
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)


Similar Part No. - SI3440DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3440DV VISHAY-SI3440DV Datasheet
99Kb / 6P
   N-Channel 150-V (D-S) MOSFET
Rev. C, 08-Sep-08
SI3440DV VISHAY-SI3440DV Datasheet
220Kb / 10P
   N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI3440DV-T1-E3 VISHAY-SI3440DV-T1-E3 Datasheet
99Kb / 6P
   N-Channel 150-V (D-S) MOSFET
Rev. C, 08-Sep-08
logo
VBsemi Electronics Co.,...
SI3440DV-T1-GE3 VBSEMI-SI3440DV-T1-GE3 Datasheet
1,004Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI3440DV VISHAY-SI3440DV_08 Datasheet
99Kb / 6P
   N-Channel 150-V (D-S) MOSFET
Rev. C, 08-Sep-08
More results

Similar Description - SI3440DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com