Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 13 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo 

TCG057VGLGA-G00 Datasheet(HTML) 13 Page - Kyocera Kinseki Corpotation

Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
10
9. Backlight characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Note
Forward current
1)
IF
-
60
-
mA
Ta=-20 70°C
Forward voltage
1)
VF
-
9.5
11.2
V
IF=60mA, Ta=-20
-
9.0
10.6
V
IF=60mA, Ta=25
-
8.7
10.3
V
IF=60mA, Ta=70
Operating life time
2), 3)
T
-
100,000
-
h
IF=60mA, Ta=25
1) For each “AN-CA”
2) When brightness decrease 50% of minimum brightness.
The average life of a LED will decrease when the LCD is operating at higher temperatures.
3) Life time is estimated data.(Condition : IF=60mA, Ta=25
in chamber).
4) An input current below 15mA may reduce the brightness uniformity of the LED backlight.
This is because the amount of light from each LED chip is different. Therefore, please evaluate carefully
before finalizing the input current.
10. Lot number identification
The lot number shall be indicated on the back of the backlight case of each LCD.
TCG057VGLGA-G00 -
-
-
MADE IN
1 2
3
4
5
Year
2010
2011
2012
2013
2014
2015
Code
0
1
2
3
4
5
Month
Jan.
Feb.
Mar.
Apr.
May
Jun.
Code
1
2
3
4
5
6
Month
Jul.
Aug.
Sep.
Oct.
Nov.
Dec.
Code
7
8
9
X
Y
Z
No1. - No5. above indicate
1. Year code
2. Month code
3. Date
4. Version Number
5. Country of origin (Japan or China)
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn