Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 11 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG057VGLGA-G00 Datasheet(HTML) 11 Page - Kyocera Kinseki Corpotation

Back Button TCG057VGLGA-G00 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 12Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 13Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 14Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 15Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
8
8. Input timing characteristics
8-1. Timing characteristics
Item
Symbol
Min
Typ
Max
Unit
Note
Clock
Frequency
1/Tc
22.66
25.18
27.69
MHz
Duty ratio
Tch/Tc
40
50
60
%
Data
Set up time
Tds
5
ns
Hold time
Tdh
10
ns
Horizontal sync.
signal
Cycle
TH
30.0
31.8
s
770
800
850
clock
Pulse width
THp
2
96
200
clock
Vertical sync.
signal
Cycle
TV
515
525
560
line
Pulse width
TVp
2
34
line
Horizontal display period
THd
640
clock
Hsync,-Clock phase difference
THc
10
Tc-10
ns
Hsync-Vsync. phase difference
TVh
2Tc
TH-THp-Tc
ns
Vertical sync. signal start position
TVs
7
line
Vertical display period
TVd
240
line
1) In case of lower frequency, the deterioration of the display quality, flicker etc., may occur.
8-2. Horizontal display position
Item
Symbol
Min
Typ
Max
Unit
Note
Enable signal
Set up time
Tes
5
Tc-10
ns
Pulse width
Tep
2
640
TH-10
clock
HSYNC – Enable signal phase difference
The
44
104
clock
1) When ENAB is fixed at "Low", the display starts from the data of C104(clock) as shown in 8-5.
2) The horizontal display position is determined by ENAB signal.
8-3. Vertical display position
1) The vertical display position (TVs) is 34th line.
2) ENAB signal is independent of vertical display position.
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn