Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 10 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG057VGLGA-G00 Datasheet(HTML) 10 Page - Kyocera Kinseki Corpotation

Back Button TCG057VGLGA-G00 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 12Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 13Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 14Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
7
1) The horizontal display start timing is settled in accordance with a rising timing of ENAB signal.
In case ENAB is fixed "Low", the horizontal start timing is determined.
Don't keep ENAB "High" during operation.
2)
R/L = L
R/L = H
U/D = H
U/D = H
R/L = L
R/L = H
U/D = L
U/D = L
7-2 LED
No.
Symbol
Description
1
AN1
Anode
2
AN2
Anode
3
CA1
Cathode
4
CA2
Cathode
LCD side connector
PHR-4
(JST)
Recommended matching connector
B4B-PH-SM4-TB
(JST)
B4B-PH-SM4-TB(LF)(SN)
(JST)
(RoHS Compliant)
S4B-PH-SM4-TB
(JST)
S4B-PH-SM4-TB(LF)(SN)
(JST)
(RoHS Compliant)
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn