Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 9 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo 

TCG057VGLGA-G00 Datasheet(HTML) 9 Page - Kyocera Kinseki Corpotation

Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
6
7. Interface signals
7-1. LCD
No.
Symbol
Description
I/O
Note
1
GND
GND
-
2
CK
Clock signal for sampling each data signal
I
3
HSYNC
Horizontal synchronous signal (negative)
I
4
VSYNC
Vertical synchronous signal (negative)
I
5
GND
GND
-
6
R0
RED data signal (LSB)
I
7
R1
RED data signal
I
8
R2
RED data signal
I
9
R3
RED data signal
I
10
R4
RED data signal
I
11
R5
RED data signal (MSB)
I
12
GND
GND
-
13
G0
GREEN data signal (LSB)
I
14
G1
GREEN data signal
I
15
G2
GREEN data signal
I
16
G3
GREEN data signal
I
17
G4
GREEN data signal
I
18
G5
GREEN data signal (MSB)
I
19
GND
GND
-
20
B0
BLUE data signal (LSB)
I
21
B1
BLUE data signal
I
22
B2
BLUE data signal
I
23
B3
BLUE data signal
I
24
B4
BLUE data signal
I
25
B5
BLUE data signal (MSB)
I
26
GND
GND
-
27
ENAB
Signal to settle the horizontal display position
(positive)
I
1)
28
VDD
3.3V power supply
-
29
VDD
3.3V power supply
-
30
R/L
Horizontal display mode select signa
l
L : Normal , H : Left / Right reverse mode
I
2)
31
U/D
Vertical display mode select signa
l
H : Normal , L : Up / Down reverse mode
I
2)
32
NC
No connect
I
33
GND
GND
-
LCD connector
IMSA-9681S-33A-GF (IRISO)
Recommended matching FFC or FPC
0.5mm pitch
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn