Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 7 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG057VGLGA-G00 Datasheet(HTML) 7 Page - Kyocera Kinseki Corpotation

Back Button TCG057VGLGA-G00 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 11Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
4
6. Optical characteristics
Measuring spot = 6.0mm, Temp. = 25°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Response time
Rise
r
= =0°
-
10
-
ms
Down
d
= =0°
-
25
-
ms
Viewing angle range
View direction
: 12 o’clock
(Gray inversion)
UPPER
CR
5
-
80
-
deg.
LOWER
-
80
-
LEFT
-
80
-
deg.
RIGHT
-
80
-
Contrast ratio
CR
= =0°
300
500
-
-
Brightness
L
IF=60mA/Line
280
400
-
cd/m2
Chromaticity
coordinates
Red
x
= =0°
0.56
0.61
0.66
-
y
0.31
0.36
0.41
Green
x
= =0°
0.30
0.35
0.40
y
0.52
0.57
0.62
Blue
x
= =0°
0.09
0.14
0.19
y
0.06
0.11
0.16
White
x
= =0°
0.28
0.33
0.38
y
0.30
0.35
0.40
6-1. Definition of contrast ratio
CR(Contrast ratio)
Brightness with all pixels "White"
Brightness with all pixels "Black"
6-2. Definition of response time
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn