Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo 

TCG057VGLGA-G00 Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation

Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
3
5. Electrical characteristics
Temp. = -20 70°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
1)
VDD
-
3.0
3.3
3.6
V
Current consumption
IDD
2)
-
150
195
mA
Permissive input ripple voltage
VRP
-
-
-
100
mVp-p
Input signal voltage
3)
VIL
"Low" level
0
-
0.3VDD
V
VIH
"High" level
0.7VDD
-
VDD
V
1) VDD-turn-on conditions
0 t1 20ms
0 t2 50ms
0 t3 1s
2) Display pattern:
VDD = 3.3V, Temp. = 25°C
123 456
1918 1919 1920
(dot)
1
2
3
:
:
:
479
480
(dot)
3) Input signal : CK, R0 R5, G0 G5, B0 B5, HSYNC, VSYNC, ENAB, R/L, U/D
3.0V
3.0V
0.3V
t1
t2
t3
Signal 3)
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn