Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG057VGLGA-G00 Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  TCG057VGLGA-G00 Datasheet HTML 1Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 2Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
2
4. Absolute maximum ratings
4-1. Electrical absolute maximum ratings
Item
Symbol
Min.
Max.
Unit
Supply voltage
VDD
0
4.0
V
Input signal voltage
1)
VIN
-0.3
6.0
V
LED forward current
2)
IF
-
100
mA
1) Input signal : CK, R0 R5, G0 G5, B0 B5, HSYNC, VSYNC, ENAB, R/L, U/D
2) For each “AN-CA”
3) Do not apply reversed voltage.
4-2. Environmental absolute maximum ratings
Item
Symbol
Min.
Max.
Unit
Operating temperature
1)
TOP
-20
70
°C
Storage temperature
2)
TSTO
-30
80
°C
Operating humidity
3)
HOP
10
4)
%RH
Storage humidity
3)
HSTO
10
4)
%RH
Vibration
-
5)
5)
-
Shock
-
6)
6)
-
1) Operating temperature means a temperature which operation shall be guaranteed. Since display
performance is evaluated at 25°C, another temperature range should be confirmed.
2) Temp. = -30°C 48h , Temp. = 80°C 168h
Store LCD at normal temperature/humidity. Keep them free from vibration and shock.
An LCD that is kept at a low or a high temperature for a long time can be defective due to
other conditions, even if the low or high temperature satisfies the standard.
(Please refer to “Precautions for Use” for details.)
3) Non-condensing
4) Temp. 40°C, 85%RH Max.
Temp. 40°C, Absolute humidity shall be less than 85%RH at 40°C.
5)
Frequency
10 55 Hz
Acceleration value
(0.3 9 m/s2)
Vibration width
0.15mm
Interval
10-55-10 Hz
minutes
2 hours in each direction X, Y, Z (6 hours total)
EIAJ ED-2531
6) Acceleration: 490 m/s2, Pulse width: 11 ms
3 times in each direction: ±X, ±Y, ±Z
EIAJ ED-2531
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn