Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG057VGLGA-G00 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  TCG057VGLGA-G00 Datasheet HTML 1Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 2Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG057VGLGA-G00 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
1
1. Application
This document defines the specification of TCG057VGLGA-G00. (RoHS Compliant)
2. Construction and outline
LCD
Backlight system
Polarizer
Additional circuit
: Transmissive color dot matrix type TFT
: LED
: Glare treatment
: Timing controller, Power supply (3.3V input)
(without constant current circuit for LED Backlight)
3. Mechanical specifications
Item
Specification
Unit
Outline dimensions 1)
134.5(W)×103.4(H)×8(D)
mm
Active area
115.2(W)×86.4(H)
(14.4cm/5.7 inch(Diagonal))
mm
Dot format
640×(B,G,R)(W)×480(H)
dot
Dot pitch
0.06(W)×0.18(H)
mm
Base color
2)
Normally White
-
Mass
145
g
1) Projection not included. Please refer to outline for details.
2) Due to the characteristics of the LCD material, the color varies with environmental temperature.
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn