Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 21 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo 

TCG057VGLGA-G00 Datasheet(HTML) 21 Page - Kyocera Kinseki Corpotation

 
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Spec No.
TQ3C-8EAF0-E2DEU50-01
Part No.
TCG057VGLGA-G00
Page
2
2) Standard
Classification
Inspection item
Judgement standard
Defect
(in LCD
glass)
Dot
defect
Bright dot defect
Acceptable number
Bright dot spacing
: 4
: 5 mm or more
Black dot defect
Acceptable number
Black dot spacing
: 5
: 5 mm or more
2 dot join
Bright dot
defect
Acceptable number
: 2
Black dot
defect
Acceptable number
: 3
3 or more dots join
Acceptable number
: 0
Total dot defects
Acceptable number
: 5 Max
Others
White dot, Dark dot
(Circle)
Size (mm)
Acceptable number
0.2
d
0.2
(Neglected)
0.2
d
0.4
5
0.4
d
0.5
3
0.5
d
0.4
0
External inspection
(Defect on
Polarizer or
between Polarizer
and LCD glass)
Polarizer (Scratch)
Width (mm)
Length (mm)
Acceptable number
0.1
W
0.1
(Neglected)
0.1
W
0.3
2.0
L
5.0
(Neglected)
5.0
L
5.0
0
0.3
W
0.3
0
Polarizer (Bubble)
Size (mm)
Acceptable number
0.2
d
0.2
(Neglected)
0.2
d
0.3
5
0.3
d
0.5
3
0.5
d
0.4
0
Foreign particle
Circular shape
Size (mm)
Acceptable number
0.2
d
0.2
(Neglected)
0.2
d
0.4
5
0.4
d
0.5
3
0.5
d
0 .4
0
Foreign particle
Linear shape
Scratch
Width (mm)
Length (mm)
Acceptable number
0.00
W
0.03
(Neglected)
0.03
W
0.10
2.0
L
2.0
(Neglected)
2.0
L
4.0
3
4.0
L
5.0
0
0.1
W
0.3
(According to
circular shape)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn