Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 20 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo 

TCG057VGLGA-G00 Datasheet(HTML) 20 Page - Kyocera Kinseki Corpotation

 
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Spec No.
TQ3C-8EAF0-E2DEU50-01
Part No.
TCG057VGLGA-G00
Page
1
Visuals specification
1) Note
Note
General
1.
Customer identified anomalies not defined within this inspection standard shall be
reviewed by Kyocera, and an additional standard shall be determined by mutual
consent.
2.
This inspection standard about the image quality shall be applied to any defect within
the active area and shall not be applicable to outside of the area.
3.
Inspection conditions
Luminance
Inspection distance
Temperature
Direction
: 500 Lux min.
: 300 mm.
: 25
5
: Directly above
Definition of
inspection item
Dot defect
Bright dot defect
The dot is constantly “on” when power applied to the
LCD, even when all “Black” data sent to the screen.
Inspection tool: 5% Transparency neutral density filter.
Count dot: If the dot is visible through the filter.
Don’t count dot: If the dot is not visible through the
filter.
dot defect
Black dot defect
The dot is constantly “off” when power applied to the
LCD, even when all “White” data sent to the screen.
Adjacent dot
Adjacent dot defect is defined as two or more bright dot
defects or black dot defects.
dot defect
External
inspection
Bubble, Scratch,
Foreign particle
(Polarizer, Cell,
Backlight)
Visible operating (all pixels “Black” or “White”) and non
operating.
Appearance
inspection
Does not satisfy the value at the spec.
Others
LED wires
Damaged to the LED wires, connector, pin, functional
failure or appearance failure.
Definition
of size
Definition of circle size
(
)/2
Definition of linear size


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn