Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCG057VGLGA-G00 Datasheet(PDF) 15 Page - Kyocera Kinseki Corpotation

Part No. TCG057VGLGA-G00
Description  5.7 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KSS [Kyocera Kinseki Corpotation]
Homepage  http://www.kinseki.co.jp/eng
Logo 

TCG057VGLGA-G00 Datasheet(HTML) 15 Page - Kyocera Kinseki Corpotation

Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEU50-01
Part No.
TCG057VGLGA-G00
Page
12
for use in a special environment such as usage in an active gas. Hence, when the LCD is supposed
to be used in a special environment, evaluate the LCD thoroughly beforehand and do not expose
the LCD to chemicals such as an active gas.
9) Please do not use solid-base image pattern for long hours because a temporary afterimage may
appear. We recommend using screen saver etc. in cases where a solid-base image pattern must
be used.
10) Liquid crystal may leak when the LCD is broken. Be careful not to let the fluid go into your eyes
and mouth. In the case the fluid touches your body; rinse it off right away with water and soap.
13. Reliability test data
Test item
Test condition
Test time
Judgement
High temp.
atmosphere
80°C
240h
Display function
Display quality
Current consumption
: No defect
: No defect
: No defect
Low temp.
atmosphere
-30°C
240h
Display function
Display quality
Current consumption
: No defect
: No defect
: No defect
High temp.
humidity
atmosphere
40°C 90% RH
240h
Display function
Display quality
Current consumption
: No defect
: No defect
: No defect
Temp. cycle
-30°C
R.T.
80°C
0.5h
0.5h
0.5h
10cycles
Display function
Display quality
Current consumption
: No defect
: No defect
: No defect
High temp.
operation
70°C
500h
Display function
Display quality
Current consumption
: No defect
: No defect
: No defect
1) Each test item uses a test LCD only once. The tested LCD is not used in any other tests.
2) The LCD is tested in circumstances in which there is no condensation.
3) The reliability test is not an out-going inspection.
4) The result of the reliability test is for your reference purpose only.
The reliability test is conducted only to examine the LCD's capability.
M622190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn