Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSY-NSS-UV1-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DSY-NSS-UV1-1
Description  Right Angle DomiLED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSY-NSS-UV1-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DSY-NSS-UV1-1 Datasheet HTML 1Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 2Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 3Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 4Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 5Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 6Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 7Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 8Page - DOMINANT Semiconductors DSY-NSS-UV1-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
09/11/2016 V11.0
4
AllnGaP : DSx-NSS
T2
U1
U2
V1
355.0...450.0
450.0...560.0
560.0...715.0
715.0...900.0
Brightness Group
Luminous Intensity Appx. 1.1
IV (mcd)
Luminous Intensity Group at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM
Vf Bining (Optional)
Vf @ If = 20mA
V1
V2
V3
V4
V5
V6
1.80 ... 1.95
1.95 ... 2.10
2.10 ... 2.25
2.25 ... 2.40
2.40 ... 2.55
2.55 ... 2.70
Please consult sales and marketing to incorporate special part number to incorporate Vf binning.
Forward Voltage (V) Appx. 3.1


Similar Part No. - DSY-NSS-UV1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSY-NSS-UV1-1 DOMINANT-DSY-NSS-UV1-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
More results

Similar Description - DSY-NSS-UV1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSF-LSG DOMINANT-DSF-LSG Datasheet
1Mb / 18P
   Right Angle DomiLED
DSW-DHG-I1 DOMINANT-DSW-DHG-I1 Datasheet
1Mb / 17P
   Right Angle DomiLED
DSX-PSS DOMINANT-DSX-PSS Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-XSX DOMINANT-DSX-XSX Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-ASS DOMINANT-DSX-ASS Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-NSS-T2U-1 DOMINANT-DSS-NSS-T2U-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-ASS-J2L1-1 DOMINANT-DSS-ASS-J2L1-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSX-DSS DOMINANT-DSX-DSS Datasheet
1Mb / 15P
   Right Angle DomiLED
DSA-PSS-VW1-1 DOMINANT-DSA-PSS-VW1-1 Datasheet
1Mb / 12P
   Right Angle DomiLED
DSZB-LSG DOMINANT-DSZB-LSG Datasheet
1Mb / 16P
   Right Angle DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com