Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9163-35CGT Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9163-35CGT
Description  500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9163-35CGT Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9163-35CGT Datasheet HTML 1Page - Richtek Technology Corporation RT9163-35CGT Datasheet HTML 2Page - Richtek Technology Corporation RT9163-35CGT Datasheet HTML 3Page - Richtek Technology Corporation RT9163-35CGT Datasheet HTML 4Page - Richtek Technology Corporation RT9163-35CGT Datasheet HTML 5Page - Richtek Technology Corporation RT9163-35CGT Datasheet HTML 6Page - Richtek Technology Corporation RT9163-35CGT Datasheet HTML 7Page - Richtek Technology Corporation RT9163-35CGT Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9163
www.richtek-ic.com.tw
DS9163-14 April 2002
4
Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
3.175
4.191
0.125
0.165
A1
1.143
1.372
0.045
0.054
b
0.406
0.533
0.016
0.021
C
0.406
0.533
0.016
0.021
D
4.445
5.207
0.175
0.205
D1
3.429
--
0.135
--
E
4.318
5.334
0.170
0.210
e
1.143
1.397
0.045
0.055
L
12.700
--
0.500
--
3-Lead TO-92 Package
b
e
e
D
E
L
A1
D1
C
A


Similar Part No. - RT9163-35CGT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163-35GG RICHTEK-RT9163-35GG Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-35GGF RICHTEK-RT9163-35GGF Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-35GGL RICHTEK-RT9163-35GGL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-35GGT RICHTEK-RT9163-35GGT Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-35GL RICHTEK-RT9163-35GL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
More results

Similar Description - RT9163-35CGT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com