Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST-ULD-ST1-1 Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # SST-ULD-ST1-1
Description  SpiceLED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SST-ULD-ST1-1 Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button SST-ULD-ST1-1 Datasheet HTML 5Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 6Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 7Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 8Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 9Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 10Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 11Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 12Page - DOMINANT Semiconductors SST-ULD-ST1-1 Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
03/11/2016 V8.0
9
InGaN S-Spice : SSx-ULD
DOMINANT
Opto Technologies
Innovating Illumination
TM
Packaging Specification
Average 1pc SpiceLED
1 completed bag (3000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
Super Small
Small
Medium
Large
For SpiceLED
Reel / Box
Cardboard Box
Size
Weight (gram)
0.001
140 ± 10
DOMINANT TM
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
Label
(L) Lot No : lotno
(P) Part No : partno
(C) Cust No : partno
(G) Grouping : group
(Q) Quantity : quantity
(D) D/C : date code
(S) S/N : serial no
DOMINANT Opto Technologies
ML TEMP
2 260˚C
RoHS Compliant
Made in Malaysia
DOMINANT Opto Technologies
DRND-008
Issue No : 1
Page 1 of 3
Product & Process Change Notice (PCN)
PCN No: D140157
Date: 21-Nov -2014
1. Describe present process / product:
All SMD LEDs that are currently shipped in the reel form. Please refer to section 3 for
the details; comparing current packing and label specification versus change proposed.
2. Product type affected:
All SMD LEDs that are currently shipped in the reel form.
3. Describe changes (to be):
Existing barcode printed label (BPL) used is as shown below.
Existing BPL size - 87mm x 45mm.
As part of improvement and also in response to customers’ request; BPL format will be
changed to the following.
New BPL size - 110mm x 55mm.
Additional information are now included in the label. 2D and 3D barcode data are
implemented now for every data field.
325 x 225 x 190
325 x 225 x 280
570 x 440 x 230
570 x 440 x 460
0.38
0.54
1.46
1.92
9 reels MAX
15 reels MAX
60 reels MAX
120 reels MAX


Similar Part No. - SST-ULD-ST1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
   SpiceLED InGaN S-Spice
More results

Similar Description - SST-ULD-ST1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
SSX-CLD DOMINANT-SSX-CLD_16 Datasheet
1Mb / 16P
   SpiceLED
SSW-ULD-I2 DOMINANT-SSW-ULD-I2_16 Datasheet
1Mb / 15P
   SpiceLED
SSX-NLD DOMINANT-SSX-NLD_16 Datasheet
1,014Kb / 14P
   SpiceLED
SSF-LLG DOMINANT-SSF-LLG_16 Datasheet
1Mb / 14P
   SpiceLED
SSX-HLD DOMINANT-SSX-HLD_16 Datasheet
1Mb / 14P
   SpiceLED
SSW-LLG-I5 DOMINANT-SSW-LLG-I5_16 Datasheet
1Mb / 17P
   SpiceLED
SSW-ULD DOMINANT-SSW-ULD_16 Datasheet
1Mb / 16P
   SpiceLED
SSW-ULD-I1 DOMINANT-SSW-ULD-I1_16 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com