Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSY-NLD-TU1-1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SSY-NLD-TU1-1
Description  SpiceLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSY-NLD-TU1-1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SSY-NLD-TU1-1 Datasheet HTML 1Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 2Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 3Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 4Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 5Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 6Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 7Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 8Page - DOMINANT Semiconductors SSY-NLD-TU1-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SSS-NLD-ST1-1
SSR-NLD-S2T-1
SSA-NLD-TU1-1
SSO-NLD-TU1-1
SSY-NLD-TU1-1
Super Red, 632 nm
Red, 625 nm
Amber, 615nm
Orange, 605 nm
Yellow, 587 nm
160
160
160
160
160
180.00
224.00
285.00
285.00
285.00
AlInGaP S-Spice : SSx-NLD
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd) Appx. 1.1
Min.
Typ.
Max.
285.00
355.00
450.00
450.00
450.00
355.00
450.00
560.00
560.00
560.00
Optical Characteristics at Tj=25˚C
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
SSx-NLD
2.1
2.6
12
Min. (V)
1.8
DOMINANT
Opto Technologies
Innovating Illumination
TM
26/10/2016 V11.0


Similar Part No. - SSY-NLD-TU1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSY-CLD-J1 DOMINANT-SSY-CLD-J1 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-J2 DOMINANT-SSY-CLD-J2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-JK2-1-I2 DOMINANT-SSY-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
SSY-CLD-JK2-I2 DOMINANT-SSY-CLD-JK2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-K1 DOMINANT-SSY-CLD-K1 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
More results

Similar Description - SSY-NLD-TU1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
SSX-CLD DOMINANT-SSX-CLD_16 Datasheet
1Mb / 16P
   SpiceLED
SSW-ULD-I2 DOMINANT-SSW-ULD-I2_16 Datasheet
1Mb / 15P
   SpiceLED
SSF-LLG DOMINANT-SSF-LLG_16 Datasheet
1Mb / 14P
   SpiceLED
SSX-HLD DOMINANT-SSX-HLD_16 Datasheet
1Mb / 14P
   SpiceLED
SSW-LLG-I5 DOMINANT-SSW-LLG-I5_16 Datasheet
1Mb / 17P
   SpiceLED
SSW-ULD DOMINANT-SSW-ULD_16 Datasheet
1Mb / 16P
   SpiceLED
SSX-ULD DOMINANT-SSX-ULD_16 Datasheet
1Mb / 13P
   SpiceLED
SSW-ULD-I1 DOMINANT-SSW-ULD-I1_16 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com