Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSR-NLD-S2T-1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # SSR-NLD-S2T-1
Description  SpiceLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSR-NLD-S2T-1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  SSR-NLD-S2T-1 Datasheet HTML 1Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 2Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 3Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 4Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 5Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 6Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 7Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 8Page - DOMINANT Semiconductors SSR-NLD-S2T-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
AlInGaP S-Spice : SSx-NLD
Electrical Characteristics at Tj=25˚C
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
30
250
12
2000
125
-40 … +110
-40 … +110
80
400
200
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
Unit
Characteristics
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 85 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 85 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 85 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
0.06
0.06
0.07
0.08
0.09
TCV
-2.2
-2.3
-2.2
-2.0
-1.7
mV / K
TCIV
-1.8
-2.2
-3.1
-4.0
-4.9
mcd / K
SSS-NLD
SSR-NLD
SSA-NLD
SSO-NLD
SSY-NLD
Part Number
SSS-NLD
SSR-NLD
SSA-NLD
SSO-NLD
SSY-NLD
SSS-NLD
SSR-NLD
SSA-NLD
SSO-NLD
SSY-NLD
DOMINANT
Opto Technologies
Innovating Illumination
TM
26/10/2016 V11.0


Similar Part No. - SSR-NLD-S2T-1

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
SSR-05DD FOTEK-SSR-05DD Datasheet
1Mb / 5P
   Single phase DC to DC Soild State Module
logo
List of Unclassifed Man...
SSR-10028ZA2 ETC-SSR-10028ZA2 Datasheet
3Mb / 4P
   Semiconductor Device Solid state relays
SSR-10028ZD1 ETC-SSR-10028ZD1 Datasheet
3Mb / 4P
   Semiconductor Device Solid state relays
SSR-10028ZD3 ETC-SSR-10028ZD3 Datasheet
3Mb / 4P
   Semiconductor Device Solid state relays
SSR-1028RA2 ETC-SSR-1028RA2 Datasheet
3Mb / 4P
   Semiconductor Device Solid state relays
More results

Similar Description - SSR-NLD-S2T-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
SSX-CLD DOMINANT-SSX-CLD_16 Datasheet
1Mb / 16P
   SpiceLED
SSW-ULD-I2 DOMINANT-SSW-ULD-I2_16 Datasheet
1Mb / 15P
   SpiceLED
SSF-LLG DOMINANT-SSF-LLG_16 Datasheet
1Mb / 14P
   SpiceLED
SSX-HLD DOMINANT-SSX-HLD_16 Datasheet
1Mb / 14P
   SpiceLED
SSW-LLG-I5 DOMINANT-SSW-LLG-I5_16 Datasheet
1Mb / 17P
   SpiceLED
SSW-ULD DOMINANT-SSW-ULD_16 Datasheet
1Mb / 16P
   SpiceLED
SSX-ULD DOMINANT-SSX-ULD_16 Datasheet
1Mb / 13P
   SpiceLED
SSW-ULD-I1 DOMINANT-SSW-ULD-I1_16 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com