Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7090-20 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7090-20
Description  20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7090-20 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7090-20_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7090-20_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7090-20_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Bidirectional
• DC to 40 GHz Frequency Range
• Attenuation 20±1 dB
• Max Power 2 Watts (CW)
• VSWR < 1.4:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 20 dB Fixed Attenuator PE7090-20 is rated to 2 Watts and operates from DC to
40 GHz. The versatile coaxial package uses 2.92mm male to 2.92mm female connectors and is also REACH and RoHS
compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
Nominal Attenuation
20
dB
VSWR
1.4:1
Input Power, CW
2
Watts
derated linearly to 0.1W at +125°C
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 18
18 to 26.5
26.5 to 40
GHz
VSWR, Max
1.3:1
1.4:1
1.4:1
Attenuation Accuracy, Typ
±0.6
±0.6
±1
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
Rated to 2 Watts Up to 40 GHz
PE7090-20
PE7090-20 REV 1.2
20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female
Passivated Stainless Steel Body Rated to 2 Watts Up to 40 GHz
RF Fixed Attenuators Technical Data Sheet
PE7090-20


Similar Part No. - PE7090-20_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7090-20 PASTERNACK-PE7090-20 Datasheet
353Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
More results

Similar Description - PE7090-20_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7024-20 PASTERNACK-PE7024-20_16 Datasheet
239Kb / 4P
   20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7395-20 PASTERNACK-PE7395-20 Datasheet
206Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body
PE7088-20 PASTERNACK-PE7088-20_16 Datasheet
273Kb / 5P
   20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-20 PASTERNACK-PE7046-20_16 Datasheet
237Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-3 PASTERNACK-PE7024-3_16 Datasheet
239Kb / 4P
   3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-10 PASTERNACK-PE7024-10_16 Datasheet
240Kb / 4P
   10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-6 PASTERNACK-PE7046-6_16 Datasheet
237Kb / 3P
   6 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-30 PASTERNACK-PE7088-30_16 Datasheet
273Kb / 5P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-1 PASTERNACK-PE7024-1_16 Datasheet
240Kb / 4P
   1 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-2 PASTERNACK-PE7024-2_16 Datasheet
240Kb / 4P
   2 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com