Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSW-ULD-L2N1-1-I2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SSW-ULD-L2N1-1-I2
Description  SpiceLED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSW-ULD-L2N1-1-I2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SSW-ULD-L2N1-1-I2 Datasheet HTML 1Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 2Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 3Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 4Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 5Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 6Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 7Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 8Page - DOMINANT Semiconductors SSW-ULD-L2N1-1-I2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
23/12/2016 V4.0
2
SSW-ULD-LM2-1-I2
SSW-ULD-L2N1-1-I2
White
White
160
160
InGaN White S-Spice : SSW-ULD-I2
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 2mA IV (mcd) Appx. 1.1
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage; Ir max = 10µA
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
15
100
5
1000
110
-40 … +100
-40 … +100
45
480
280
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
Typ. (V)
Vf @ If = 2mA Appx. 3.1
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
SSW-ULD
2.9
3.4
5
Min. (V)
2.6
Optical Characteristics at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM
11.20
14.00
Min.
Typ.
Max.
22.40
28.50
28.50
35.50


Similar Part No. - SSW-ULD-L2N1-1-I2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSW-ULD-I1 DOMINANT-SSW-ULD-I1 Datasheet
1Mb / 16P
   High brightness surface mount LED
SSW-ULD-I1 DOMINANT-SSW-ULD-I1_16 Datasheet
1Mb / 17P
   SpiceLED
SSW-ULD-I2 DOMINANT-SSW-ULD-I2 Datasheet
1Mb / 14P
   High brightness surface mount LED
SSW-ULD-QR2-1-I1 DOMINANT-SSW-ULD-QR2-1-I1 Datasheet
1Mb / 17P
   SpiceLED
SSW-ULD-QR2-3K8L-I1 DOMINANT-SSW-ULD-QR2-3K8L-I1 Datasheet
1Mb / 17P
   SpiceLED
More results

Similar Description - SSW-ULD-L2N1-1-I2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
SSX-CLD DOMINANT-SSX-CLD_16 Datasheet
1Mb / 16P
   SpiceLED
SSX-NLD DOMINANT-SSX-NLD_16 Datasheet
1,014Kb / 14P
   SpiceLED
SSF-LLG DOMINANT-SSF-LLG_16 Datasheet
1Mb / 14P
   SpiceLED
SSX-HLD DOMINANT-SSX-HLD_16 Datasheet
1Mb / 14P
   SpiceLED
SSW-LLG-I5 DOMINANT-SSW-LLG-I5_16 Datasheet
1Mb / 17P
   SpiceLED
SSW-ULD DOMINANT-SSW-ULD_16 Datasheet
1Mb / 16P
   SpiceLED
SSX-ULD DOMINANT-SSX-ULD_16 Datasheet
1Mb / 13P
   SpiceLED
SSW-ULD-I1 DOMINANT-SSW-ULD-I1_16 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com