Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSZB-LSG Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # DSZB-LSG
Description  Right Angle DomiLED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSZB-LSG Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button DSZB-LSG Datasheet HTML 6Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 7Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 8Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 9Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 10Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 11Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 12Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 13Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 14Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
27/04/2017 V4.0
10
Taping and orientation
• Reels come in quantity of 2500 units.
• Reel diameter is 180 mm.
InGaN : DSZB-LSG
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DSZB-LSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSZB-LSG-PCN DOMINANT-DSZB-LSG-PCN Datasheet
913Kb / 14P
   High brightness surface mount LED
More results

Similar Description - DSZB-LSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSF-LSG DOMINANT-DSF-LSG Datasheet
1Mb / 18P
   Right Angle DomiLED
DSW-DHG-I1 DOMINANT-DSW-DHG-I1 Datasheet
1Mb / 17P
   Right Angle DomiLED
DSX-PSS DOMINANT-DSX-PSS Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-XSX DOMINANT-DSX-XSX Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-ASS DOMINANT-DSX-ASS Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-NSS-T2U-1 DOMINANT-DSS-NSS-T2U-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-ASS-J2L1-1 DOMINANT-DSS-ASS-J2L1-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSX-DSS DOMINANT-DSX-DSS Datasheet
1Mb / 15P
   Right Angle DomiLED
DSA-PSS-VW1-1 DOMINANT-DSA-PSS-VW1-1 Datasheet
1Mb / 12P
   Right Angle DomiLED
DSX-NSS DOMINANT-DSX-NSS Datasheet
1Mb / 15P
   Right Angle DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com