Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSX-XSX Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DSX-XSX
Description  Right Angle DomiLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSX-XSX Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DSX-XSX Datasheet HTML 1Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 2Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 3Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 4Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 5Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 6Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 7Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 8Page - DOMINANT Semiconductors DSX-XSX Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
03/10/2016 V15.0
2
DSB-SSS-PQ2-1
DSB-USS-QR2-1
DSB-USS-ST1-1
DST-SSS-RS2-1
DST-SSS-TU1-1
DST-USS-TU2-1
DST-USS-UV1-1
Blue, 470nm
Blue, 470nm
Blue, 470nm
True Green, 525nm
True Green, 525nm
True Green, 525nm
True Green, 525nm
120
120
120
120
120
120
120
45.0
71.5
180.0
112.5
285.0
285.0
450.0
InGaN : DSx-xSx
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd) Appx. 1.1
Not for new design
Min.
Typ.
Max.
71.5
112.5
224.0
180.0
355.0
450.0
560.0
112.5
180.0
355.0
285.0
560.0
715.0
900.0
Optical Characteristics at Tj=25˚C
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DSB
DST
3.2
3.4
3.8
4.0
5.0
5.0
Min. (V)
2.9
2.9
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DSX-XSX

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSX-XSX-PCN DOMINANT-DSX-XSX-PCN Datasheet
894Kb / 13P
   High brightness surface mount LED
DSX-XSX3-PCN DOMINANT-DSX-XSX3-PCN Datasheet
818Kb / 13P
   High brightness surface mount LED
More results

Similar Description - DSX-XSX

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSF-LSG DOMINANT-DSF-LSG Datasheet
1Mb / 18P
   Right Angle DomiLED
DSW-DHG-I1 DOMINANT-DSW-DHG-I1 Datasheet
1Mb / 17P
   Right Angle DomiLED
DSX-PSS DOMINANT-DSX-PSS Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-ASS DOMINANT-DSX-ASS Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-NSS-T2U-1 DOMINANT-DSS-NSS-T2U-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-ASS-J2L1-1 DOMINANT-DSS-ASS-J2L1-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSX-DSS DOMINANT-DSX-DSS Datasheet
1Mb / 15P
   Right Angle DomiLED
DSA-PSS-VW1-1 DOMINANT-DSA-PSS-VW1-1 Datasheet
1Mb / 12P
   Right Angle DomiLED
DSZB-LSG DOMINANT-DSZB-LSG Datasheet
1Mb / 16P
   Right Angle DomiLED
DSX-NSS DOMINANT-DSX-NSS Datasheet
1Mb / 15P
   Right Angle DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com