Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSX-DSS Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DSX-DSS
Description  Right Angle DomiLED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSX-DSS Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DSX-DSS Datasheet HTML 1Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 2Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 3Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 4Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 5Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 6Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 7Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 8Page - DOMINANT Semiconductors DSX-DSS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
03/10/2016 V6.0
1
Features:
> High brightness surface mount LED.
> Designed for sideway illumination.
> 120° viewing angle.
> Small package outline.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Compliance to auntomotive standard; AEC-Q101.
> Passed Corrosion Resistant Test. Appx. 4.1
DomiLED
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
Right Angle DomiLED
InGaN : DSx-DSS
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
>
Automotive:
Interior applications, eg: switches, telematics, climate control system,
dash board, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DSX-DSS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSX-DSS-PCN DOMINANT-DSX-DSS-PCN Datasheet
764Kb / 13P
   High brightness surface mount LED
More results

Similar Description - DSX-DSS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSF-LSG DOMINANT-DSF-LSG Datasheet
1Mb / 18P
   Right Angle DomiLED
DSW-DHG-I1 DOMINANT-DSW-DHG-I1 Datasheet
1Mb / 17P
   Right Angle DomiLED
DSX-PSS DOMINANT-DSX-PSS Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-XSX DOMINANT-DSX-XSX Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-ASS DOMINANT-DSX-ASS Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-NSS-T2U-1 DOMINANT-DSS-NSS-T2U-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-ASS-J2L1-1 DOMINANT-DSS-ASS-J2L1-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSA-PSS-VW1-1 DOMINANT-DSA-PSS-VW1-1 Datasheet
1Mb / 12P
   Right Angle DomiLED
DSZB-LSG DOMINANT-DSZB-LSG Datasheet
1Mb / 16P
   Right Angle DomiLED
DSX-NSS DOMINANT-DSX-NSS Datasheet
1Mb / 15P
   Right Angle DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com