Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSW-DHG-S2T-F1H5-I1 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # DSW-DHG-S2T-F1H5-I1
Description  Right Angle DomiLED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSW-DHG-S2T-F1H5-I1 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button DSW-DHG-S2T-F1H5-I1 Datasheet HTML 3Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 4Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 5Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 6Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 7Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 8Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 9Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 10Page - DOMINANT Semiconductors DSW-DHG-S2T-F1H5-I1 Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
04/10/2017 V1.0
7
Forward Voltage V
F (V)
Temperature T(°C)
Forward Current I
F (mA)
Wavelength λ (nm)
Duty Ratio, %
Allowable Forward Current Vs Duty Ratio
( T
j = 25°C; tp ≤ 10μs )
Maximum Current Vs Temperature
I
F=f(T)
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(I
F);Tj = 25°C
InGaN White : DSW-DHG-I1
DOMINANT
Opto Technologies
Innovating Illumination
TM
Relative Luminous Intensity Vs Forward Current
I
V/IV(10mA) = f(IF); Tj = 25°C
Forward Current I
F (mA)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
Forward Current IF (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
Ts
Ta
Ta = Ambient Temperature
Ts= Solder Point Temperature
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
0
5
10
15
20
25
30
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(10mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 10mA
∆Cx
∆Cy
0
5
10
15
20
25
30
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
Forward Current IF (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
Ts
Ta
Ta = Ambient Temperature
Ts = Solder Point Temperature
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
0
5
10
15
20
25
30
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(10mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 10mA
∆Cx
∆Cy
0
5
10
15
20
25
30
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
Forward Current Vs Forward Voltage
I
F = f(VF); Tj = 25°C
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
Forward Current IF (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
Ts
Ta
Ta = Ambient Temperature
Ts= Solder Point Temperature
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
0
5
10
15
20
25
30
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(10mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 10mA
∆Cx
∆Cy
0
5
10
15
20
25
30
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
Forward Current IF (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
Ts
Ta
Ta = Ambient Temperature
Ts= Solder Point Temperature
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
0
5
10
15
20
25
30
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(10mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 10mA
∆Cx
∆Cy
0
5
10
15
20
25
30
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
Relative Spectral Emission
I
rel = f(λ); Tj = 25°C; IF = 10mA
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
Forward Current IF (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
Ts
Ta
Ta= Ambient Temperature
Ts= Solder Point Temperature
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
0
5
10
15
20
25
30
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(10mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 10mA
∆Cx
∆Cy
0
5
10
15
20
25
30
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
Forward Current IF (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
Ts
Ta
Ta= Ambient Temperature
Ts= Solder Point Temperature
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
0
5
10
15
20
25
30
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(10mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 10mA
∆Cx
∆Cy
0
5
10
15
20
25
30
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)


Similar Part No. - DSW-DHG-S2T-F1H5-I1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSW-210 ETC2-DSW-210 Datasheet
341Kb / 3P
   PRINTED CIRCUIT TRANSFORMERS
DSW-210 ETC1-DSW-210 Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
DSW-212 ETC2-DSW-212 Datasheet
341Kb / 3P
   PRINTED CIRCUIT TRANSFORMERS
DSW-212 ETC1-DSW-212 Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
DSW-2120 ETC1-DSW-2120 Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results

Similar Description - DSW-DHG-S2T-F1H5-I1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSF-LSG DOMINANT-DSF-LSG Datasheet
1Mb / 18P
   Right Angle DomiLED
DSX-PSS DOMINANT-DSX-PSS Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-XSX DOMINANT-DSX-XSX Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-ASS DOMINANT-DSX-ASS Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-NSS-T2U-1 DOMINANT-DSS-NSS-T2U-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-ASS-J2L1-1 DOMINANT-DSS-ASS-J2L1-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSX-DSS DOMINANT-DSX-DSS Datasheet
1Mb / 15P
   Right Angle DomiLED
DSA-PSS-VW1-1 DOMINANT-DSA-PSS-VW1-1 Datasheet
1Mb / 12P
   Right Angle DomiLED
DSZB-LSG DOMINANT-DSZB-LSG Datasheet
1Mb / 16P
   Right Angle DomiLED
DSX-NSS DOMINANT-DSX-NSS Datasheet
1Mb / 15P
   Right Angle DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com