Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMPH3010LK3Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMPH3010LK3Q
Description  175C P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMPH3010LK3Q Datasheet(HTML) 5 Page - Diodes Incorporated

  DMPH3010LK3Q Datasheet HTML 1Page - Diodes Incorporated DMPH3010LK3Q Datasheet HTML 2Page - Diodes Incorporated DMPH3010LK3Q Datasheet HTML 3Page - Diodes Incorporated DMPH3010LK3Q Datasheet HTML 4Page - Diodes Incorporated DMPH3010LK3Q Datasheet HTML 5Page - Diodes Incorporated DMPH3010LK3Q Datasheet HTML 6Page - Diodes Incorporated DMPH3010LK3Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMPH3010LK3Q
Document number: DS38126 Rev. 1 - 2
5 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMPH3010LK3Q
0.001
0.01
0.1
1
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJC(t) = r(t) * RθJC
RθJC = 1.0℃/W
Duty Cycle, D = t1 / t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9


Similar Part No. - DMPH3010LK3Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMPH3010LK3 ISC-DMPH3010LK3 Datasheet
353Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - DMPH3010LK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMPH4015SK3 DIODES-DMPH4015SK3 Datasheet
408Kb / 7P
   175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH3010LPSQ DIODES-DMPH3010LPSQ Datasheet
449Kb / 7P
   175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH4015SPS DIODES-DMPH4015SPS Datasheet
420Kb / 7P
   175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH3010LPS DIODES-DMPH3010LPS Datasheet
473Kb / 7P
   175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH4015SPSQ DIODES-DMPH4015SPSQ Datasheet
405Kb / 7P
   175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH1006UPSQ DIODES-DMPH1006UPSQ Datasheet
509Kb / 7P
   12V 175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH1006UPS DIODES-DMPH1006UPS Datasheet
512Kb / 7P
   12V 175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
   60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMNH3010LK3 DIODES-DMNH3010LK3 Datasheet
536Kb / 7P
   175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com