Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6RTB-FJG Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # D6RTB-FJG
Description  Multi DomiLED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

D6RTB-FJG Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  D6RTB-FJG Datasheet HTML 1Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 2Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 3Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 4Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 5Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 6Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 7Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 8Page - DOMINANT Semiconductors D6RTB-FJG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features:
> High brightness tri-color surface mount LED.
> Each color can be individually controlled
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 3.0 x 1.7mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Passed Corrosion Resistant Test. Appx. 4.1
> Compliance to automotive standard; AEC-Q101.
Multi DomiLED
Synonymous with function and performance, the Multi DomiLED
TM series
is perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET
Multi DomiLED
D6RTB-FJG
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
DOMINANT
Opto Technologies
Innovating Illumination
TM
07/12/2016 V4.0
Applications:
> Automotive: Interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Signs: full color video
> Consumer & Communication: backlighting of LCDs
> General Lighting: architectural lighting, decorative lighting


Similar Part No. - D6RTB-FJG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-DJD DOMINANT-D6RTB-DJD Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD DOMINANT-D6RTB-DJD Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-DJD-PCN DOMINANT-D6RTB-DJD-PCN Datasheet
854Kb / 14P
   High brightness tri-color surface mount LED
D6RTB-DJD-T3U3R3 DOMINANT-D6RTB-DJD-T3U3R3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-T3U3S3 DOMINANT-D6RTB-DJD-T3U3S3 Datasheet
674Kb / 13P
   Multi LED
More results

Similar Description - D6RTB-FJG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-YJG DOMINANT-D6RTB-YJG Datasheet
2Mb / 16P
   Multi DomiLED
DKXX-MJS DOMINANT-DKXX-MJS Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-SKG DOMINANT-D6RTB-SKG Datasheet
1Mb / 16P
   Multi DomiLED
D6RTB-DJD DOMINANT-D6RTB-DJD_16 Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-HJD DOMINANT-D6RTB-HJD Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-PJG DOMINANT-D6RTB-PJG Datasheet
1Mb / 14P
   Multi DomiLED
DR8-NJS DOMINANT-DR8-NJS Datasheet
1Mb / 14P
   DomiLED
DDB-DZJS-PQ2-1 DOMINANT-DDB-DZJS-PQ2-1 Datasheet
1Mb / 13P
   DomiLED
logo
BRIGHT LED ELECTRONICS ...
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com