Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6RTB-DJD Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # D6RTB-DJD
Description  Multi DomiLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

D6RTB-DJD Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button D6RTB-DJD_16 Datasheet HTML 5Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 6Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 7Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 8Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 9Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 10Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 11Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 12Page - DOMINANT Semiconductors D6RTB-DJD_16 Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
15/03/2016 V7.0
9
D6RTB-DJD
Taping and orientation
• Reels come in quantity of 1000 units.
• Reel diameter is 180 mm.
DOMINANT
Opto Technologies
Innovating Illumination
TM
DOMINANT Opto Technologies
DRND-008
Issue No : 1
Page 1 of 2
Product & Process Change Notice (PCN)
PCN No: D150070
Date: 1-Aug -2015
1. Describe present process / product:
All PLCC6 packages; D6RTB.
2. Product type affected:
All PLCC6 packages; D6RTB.
3. Describe changes (to be):
Current carrier tape design for all PLCC6 (D6RTB) packages is as illustrated below.
This PCN seek for approval to change the design to the new proposal below.


Similar Part No. - D6RTB-DJD_16

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-DJD-PCN DOMINANT-D6RTB-DJD-PCN Datasheet
854Kb / 14P
   High brightness tri-color surface mount LED
D6RTB-DJD-T3U3R3 DOMINANT-D6RTB-DJD-T3U3R3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-T3U3S3 DOMINANT-D6RTB-DJD-T3U3S3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-T3V3R3 DOMINANT-D6RTB-DJD-T3V3R3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-T3V3S3 DOMINANT-D6RTB-DJD-T3V3S3 Datasheet
674Kb / 13P
   Multi LED
More results

Similar Description - D6RTB-DJD_16

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-YJG DOMINANT-D6RTB-YJG Datasheet
2Mb / 16P
   Multi DomiLED
DKXX-MJS DOMINANT-DKXX-MJS Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-SKG DOMINANT-D6RTB-SKG Datasheet
1Mb / 16P
   Multi DomiLED
D6RTB-HJD DOMINANT-D6RTB-HJD Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-PJG DOMINANT-D6RTB-PJG Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-FJG DOMINANT-D6RTB-FJG Datasheet
1Mb / 15P
   Multi DomiLED
DR8-NJS DOMINANT-DR8-NJS Datasheet
1Mb / 14P
   DomiLED
DDB-DZJS-PQ2-1 DOMINANT-DDB-DZJS-PQ2-1 Datasheet
1Mb / 13P
   DomiLED
logo
BRIGHT LED ELECTRONICS ...
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com