Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN4901FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. RN4901FE
Description  TOSHIBA Transistor Silicon PNP - NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4901FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN4901FE Datasheet HTML 1Page - Toshiba Semiconductor RN4901FE Datasheet HTML 2Page - Toshiba Semiconductor RN4901FE Datasheet HTML 3Page - Toshiba Semiconductor RN4901FE Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RN4901FE
2003-01-10
2
Maximum Ratings (Ta
==== 25°C) (Q1)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-10
V
Collector current
IC
-100
mA
Maximum Ratings (Ta
==== 25°C) (Q2)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
10
V
Collector current
IC
100
mA
Maximum Ratings (Ta
==== 25°C) (Q1, Q2 common)
Characteristics
Symbol
Rating
Unit
Collector power dissipation
PC (Note)
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Note: Total rating


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn