Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN006-20K Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN006-20K
Description  TrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN006-20K Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN006-20K Datasheet HTML 1Page - NXP Semiconductors PSMN006-20K Datasheet HTML 2Page - NXP Semiconductors PSMN006-20K Datasheet HTML 3Page - NXP Semiconductors PSMN006-20K Datasheet HTML 4Page - NXP Semiconductors PSMN006-20K Datasheet HTML 5Page - NXP Semiconductors PSMN006-20K Datasheet HTML 6Page - NXP Semiconductors PSMN006-20K Datasheet HTML 7Page - NXP Semiconductors PSMN006-20K Datasheet HTML 8Page - NXP Semiconductors PSMN006-20K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
PSMN006-20K
TrenchMOS™ ultra low level FET
Product data
Rev. 01 — 30 May 2002
3 of 12
9397 750 09631
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Fig 1.
Normalized total power dissipation as a
function of solder point temperature.
Fig 2.
Normalized continuous drain current as a
function of solder point temperature.
Tsp =25 °C; IDM is single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa17
0
40
80
120
0
50
100
150
200
Tsp (°C)
Pder
(%)
03aa25
0
40
80
120
0
50
100
150
200
Tsp (°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03ai63
10-1
1
10
102
10-1
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
tp = 10 µs


Similar Part No. - PSMN006-20K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN006-20K NXP-PSMN006-20K Datasheet
191Kb / 12P
   N-channel TrenchMOS SiliconMAX ultra low level FET
Rev. 01-17 November 2009
logo
Nexperia B.V. All right...
PSMN006-20K NEXPERIA-PSMN006-20K Datasheet
691Kb / 12P
   N-channel TrenchMOS SiliconMAX ultra low level FET
Rev. 01 - 17 November 2009
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
More results

Similar Description - PSMN006-20K

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV40UN ZPSEMI-PMV40UN Datasheet
186Kb / 3P
   TrenchMOS??ultra low level FET
logo
NXP Semiconductors
PMN27UN PHILIPS-PMN27UN Datasheet
237Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-27 September 2002
PMN34UN PHILIPS-PMN34UN Datasheet
234Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-26 February 2003
PMV40UN PHILIPS-PMV40UN Datasheet
241Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-05 August 2003
PMN28UN PHILIPS-PMN28UN Datasheet
237Kb / 12P
   TrenchMOS??ultra low level FET
Rev. 01-27 September 2002
logo
Nexperia B.V. All right...
PMN28UN NEXPERIA-PMN28UN Datasheet
341Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMN27UN NEXPERIA-PMN27UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMV40UN NEXPERIA-PMV40UN Datasheet
345Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 05 August 2003
PMV30UN NEXPERIA-PMV30UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 25 June 2003
PH2520U NEXPERIA-PH2520U Datasheet
699Kb / 12P
   N-channel TrenchMOS ultra low level FET
Rev. 03 - 2 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com