Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS20351-N Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PS20351-N
Description  TRANSFER-MOLD TYPE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS20351-N Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  PS20351-N Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS20351-N Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Intelligent Power Module>
PS20351-N
TRANSFER-MOLD TYPE
INSULATED TYPE
Sep. 2001
[C] Under-Voltage Protection (P-side, UVDB)
c1. Control supply voltage rises : After the voltage level reachs UVDBr, the circuits start to operate when the next input is applied.
c2. Normal operation : IGBT ON and carrying current.
c3. Under-voltage trip (UVDBt).
c4. IGBT OFF in spite of control input condition (there is no FO signal output).
c5. Under-voltage reset (UVDBr).
c6. Normal operation : IGBT ON and carrying current.
Fig. 6 RECOMMENDED CPU I/O INTERFACE CIRCUIT
Note : RC coupling at each input (parts shown dotted) may change depending on the
PWM control scheme used in the application and on the wiring impedance of
the application’s printed circuit board.
CPU
4.7k
5.1k
1nF
1nF
UP,VP,WP,UN,VN,WN
VNC(GND)
Fo
DIP-IPM
5V line
c6
c1
c2
c4
c5
c3
RESET
UVDBt
UVDBr
SET
RESET
Fault output Fo
Output current Ic
Control supply voltage VDB
Protection circuit state
Control input
High-level (no fault output)


Similar Part No. - PS20351-N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS20351-NP MITSUBISHI-PS20351-NP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS20351-N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21212 MITSUBISHI-PS21212 Datasheet
183Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21312 MITSUBISHI-PS21312 Datasheet
185Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com