Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS8703 Datasheet(PDF) 6 Page - NEC

Part No. PS8703
Description  NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS8703 Datasheet(HTML) 6 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL
for all damages resulting from such improper use or sale.
PS8703
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
Peak reflow temperature
235 ˚C or below (package surface temperature)
Time of temperature higher than 210 ˚C
30 seconds or less
Number of reflows
Three
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended
(2) Cautions
•Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Recommended Temperature Profile of Infrared Flow
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/11/2003
Time (s)
100 to 160
˚C
60 to 120 s
(preheating)
(heating)
to 10 s
to 30 s
235
˚C (peak temperature)
210
˚C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn