Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8703 Datasheet(PDF) 5 Page - NEC

Part # PS8703
Description  NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8703 Datasheet(HTML) 5 Page - NEC

  PS8703 Datasheet HTML 1Page - NEC PS8703 Datasheet HTML 2Page - NEC PS8703 Datasheet HTML 3Page - NEC PS8703 Datasheet HTML 4Page - NEC PS8703 Datasheet HTML 5Page - NEC PS8703 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PS8703
TAPING SPECIFICATIONS (Units in mm)
Tape Outline and Dimensions
Tape Direction
Reel Outline and Dimensions
Packing: 3500 pcs/reel
2.0 ± 0.05
4.0 ± 0.1
1.5
1.55 ± 0.1
8.0 ± 0.1
4.6 ± 0.1
2.4 ± 0.1
2.9 MAX
0.3
5.5 ± 0.05
1.75 ± 0.1
12.0 ± 0.2
+0.1
-0
2.0±0.5
ø13.0±0.5
ø21.0±0.8
2.0±0.5
13.0±1.0
17.5±1.0
R1.0
11.9 to 15.4
Outer edge
of flange
PS8703-F3
PS8703-F4


Similar Part No. - PS8703

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
   ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8703-F3 CEL-PS8703-F3 Datasheet
124Kb / 6P
   ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8703-F4 CEL-PS8703-F4 Datasheet
124Kb / 6P
   ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
More results

Similar Description - PS8703

ManufacturerPart #DatasheetDescription
logo
NEC
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8103 RENESAS-PS8103 Datasheet
262Kb / 13P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
   ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
NEC
PS9117 NEC-PS9117 Datasheet
522Kb / 10P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9714 CEL-PS9714 Datasheet
166Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8802-1 NEC-PS8802-1 Datasheet
107Kb / 3P
   NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com