Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS8703 Datasheet(PDF) 3 Page - NEC

Part No. PS8703
Description  NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS8703 Datasheet(HTML) 3 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C unless otherwise specified)
PS8703
Forward Current, IF (mA)
Ambient Temperature, TA (°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
Ambient Temperature, TA (°C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
60
40
50
30
20
10
025
50
75
100
120
80
100
60
40
20
025
50
75
100
100
10
1
0.1
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = +100
°C
+50
°C
+25
°C
0
°C
-25
°C
1000
100
10
1
0.1
-25
0
25
50
75
100
IF = 0 mA
VCC = VO = 15 V
VCC = VO = 5.5 V
40
35
30
25
20
15
10
5
0
VCC = 4.5 V
VO = 0.4 V
0.5
1
5
10
50
Normalized to 1.0
at TA = 25°C, IF = 16 mA,
VCC = 4.5 V, VO = 0.4 V
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50
-25
0
25
50
75
100


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn