Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS8703 Datasheet(PDF) 2 Page - NEC

Part No. PS8703
Description  NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS8703 Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS8703
PS8703
(Top View)
SYMBOLS
PARAMETERS
UNITS
RATING
Diode
IF
Forward Current
mA
50
VR
Reverse Voltage
V
5
Detector
VCC
Supply Voltage
V
-0.5 to +15
VO
Output Voltage
V
-0.5 to +15
IO
Output Current
mA
8
PC
Power Dissipation2
mW
80
Coupled
BV
Isolation Voltage3
Vr.m.s.
2500
TA
Operating Ambient Temp.
°C
-40 to +100
TSTG
Storage Temperature
°C
-55 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Applies to output pin VO. Reduced to 0.8 mW/°C at TA = 25°C or
more.
2. AC voltage for one minute at TA = 25°C, RH = 60% between
input and output.
OUTLINE DIMENSIONS (Units in mm)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
NOTES:
1. CTR rank
L: 15 to 30 (%)
N: 10 to 30 (%)
2. Test Circuit for Propagation Delay Time:
*CL includes probe and stray wiring capacitance.
54
3
12
Pulse input (IF)
VO (monitor)
VCC = 5 V
RL = 4.1/20 k
47
(Pulse width = 100
µs
Duty Cycle = 1/10)
Input
(monitor)
CL = 15 pF
0.1
µF
Usage Cautions:
1. When handling this product, precautions should be taken against static electricity.
2. A by-pass capacitor of ≥ 0.1 µF is used between VCC and GND.
(Continued from previous page)
tPLH
tPHL
Input
Output
0
5 V
1.5 V
VOL
50%
5 V
PART NUMBER
PACKING STYLE
PS8703
Magazine case 100 pcs
PS8703-F3
Embossed Tape 3500 pcs/reel
PS8703-F4
ORDERING INFORMATION
MARKING
7.0±0.3
4.4
0.5±0.3
1.27
0.4
+0.10
-0.05
0.25 M
4.0±0.5
8703
N003
N 0 03
Week Assembled
Year Assembled
(Last 1 Digit)
No.1 pin Mark
CTR Rank Code
Assembly Lot


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn