Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10K Datasheet(PDF) 3 Page - Micro Commercial Components

Part # S10K
Description  10 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S10K Datasheet(HTML) 3 Page - Micro Commercial Components

  S10K Datasheet HTML 1Page - Micro Commercial Components S10K Datasheet HTML 2Page - Micro Commercial Components S10K Datasheet HTML 3Page - Micro Commercial Components S10K Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Instantaneous Reverse Leakage Current - MicroAmperes
versus
Percent Of Rated Peak Reverse Voltage - Volts
1
100
4
0
50
100
150
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
200
250
300
Figure 4
Typical Reverse Characteristics
Volts
40
60
200
100
PAmps
20
120
40
60
80
100
.1
.2
.4
.6
1
2
4
6
10
20
TA=25
qC
400
600
1000
140
S10A thru S10M
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: C
2013/01/01
MCC


Similar Part No. - S10K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10K MCC-S10K Datasheet
648Kb / 2P
   10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
S10K MCC-S10K Datasheet
300Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
S10K CHENDA-S10K Datasheet
810Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S10K YFWDIODE-S10K Datasheet
522Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Changzhou Shunye Electr...
S10K SY-S10K Datasheet
934Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - S10K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10A-TP MCC-S10A-TP Datasheet
320Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
S10A MCC-S10A_11 Datasheet
300Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
10A01 MCC-10A01_13 Datasheet
442Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts
10A01 MCC-10A01_11 Datasheet
456Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts
FR1001 MCC-FR1001 Datasheet
398Kb / 4P
   10 Amp Rectifier 50 to 1000 Volts
10A01 MCC-10A01 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
S5A MCC-S5A Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S1A MCC-S1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com