Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPZY-VZHG Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # SPZY-VZHG
Description  SpicePlus2520
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SPZY-VZHG Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  SPZY-VZHG Datasheet HTML 1Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 2Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 3Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 4Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 5Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 6Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 7Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 8Page - DOMINANT Semiconductors SPZY-VZHG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
07/08/2017 V1.0
1
Features:
> Super high brightness surface mount LED automotive exterior applications.
> 120° viewing angle.
> Compact package outline (LxW) of 2.5 x 2.0mm.
> Ultra low height profile - 0.7mm.
> Low thermal resistance.
> Superior corrosion robustness.
> Compatible to IR reflow soldering.
> Compliance to automotive standard; AEC-Q101.
> Environmental friendly; RoHS compliance.
SpicePlus
Like spice, its diminutive size is a stark contrast to its standout performance
in terms of brightness, durability and reliability. Despite being the smallest in
size yet the SpicePlus packs a powerful performance and is a highly reliable
design device.
DATA SHEET:
SpicePlus2520
InGaN Yellow : SPZY-VZHG
© 2005 SpiceLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: Exterior application: eg: Turn Signal, Turn Indicator.
DOMINANT
Opto Technologies
Innovating Illumination
TM
ALHD
ALHD


Similar Part No. - SPZY-VZHG

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPZ-G36 SANKEN-SPZ-G36 Datasheet
19Kb / 1P
   Power Zener Diodes
logo
STMicroelectronics
SPZB250 STMICROELECTRONICS-SPZB250 Datasheet
412Kb / 18P
   ZigBee짰 module
SPZB260 STMICROELECTRONICS-SPZB260 Datasheet
221Kb / 15P
   ZigBee짰 module
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
   ZigBee짰 module
SPZB260ADP STMICROELECTRONICS-SPZB260ADP Datasheet
400Kb / 11P
   Adapter board
More results

Similar Description - SPZY-VZHG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SPW-VZHG DOMINANT-SPW-VZHG Datasheet
1Mb / 15P
   SpicePlus2520
SPX-VZHG DOMINANT-SPX-VZHG Datasheet
1Mb / 15P
   SpicePlus2520
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com