Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEW-BZSH Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # SEW-BZSH
Description  SpicePlus 3014
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SEW-BZSH Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button SEW-BZSH Datasheet HTML 7Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 8Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 9Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 10Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 11Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 12Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 13Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 14Page - DOMINANT Semiconductors SEW-BZSH Datasheet HTML 15Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Packaging Specification
26/05/2017 V2.0
11
Packaging Specification
25/06/2015 V3.0
80 InGaN White: NUW-KZSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
11
Packaging Specification
15/01/2015 V2.0
80 InGaN White: NUW-KZSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
InGaN White SEW-BZSH
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - SEW-BZSH

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SEW-BZSG DOMINANT-SEW-BZSG Datasheet
1Mb / 16P
   SpicePlus 3014
SEW-BZSG-7P8Q-1 DOMINANT-SEW-BZSG-7P8Q-1 Datasheet
1Mb / 16P
   SpicePlus 3014
More results

Similar Description - SEW-BZSH

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SEW-BZSG DOMINANT-SEW-BZSG Datasheet
1Mb / 16P
   SpicePlus 3014
SEW-KZSG DOMINANT-SEW-KZSG Datasheet
1Mb / 16P
   SpicePlus 3014
logo
Quelighting Corp
QLSP01WXL-190 QUELIGHTING-QLSP01WXL-190 Datasheet
997Kb / 14P
   3014 High Efficiency LED
1.1 09-23-2019
logo
Broadcom Corporation.
ASMD-CWG7-NX7X2 BOARDCOM-ASMD-CWG7-NX7X2 Datasheet
1Mb / 20P
   Low-Power 3014 DFN2 Surface-Mount LED
logo
ams AG
KWDCLMS2.EC AMSCO-KWDCLMS2.EC Datasheet
1Mb / 24P
   The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
Version 1.2 2021-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com