Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7088-10 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE7088-10
Description  10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7088-10 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE7088-10_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7088-10_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7088-10_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7088-10_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7088-10_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated
Stainless Steel Body Rated to 1 Watt Up to 40 GHz
PE7088-10
CAD Drawing
PE7088-10 REV 4.1


Similar Part No. - PE7088-10_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7088-10 PASTERNACK-PE7088-10 Datasheet
355Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
More results

Similar Description - PE7088-10_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7024-10 PASTERNACK-PE7024-10_16 Datasheet
240Kb / 4P
   10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-10 PASTERNACK-PE7046-10_16 Datasheet
236Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-3 PASTERNACK-PE7024-3_16 Datasheet
239Kb / 4P
   3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-6 PASTERNACK-PE7046-6_16 Datasheet
237Kb / 3P
   6 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-30 PASTERNACK-PE7088-30_16 Datasheet
273Kb / 5P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-1 PASTERNACK-PE7024-1_16 Datasheet
240Kb / 4P
   1 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-20 PASTERNACK-PE7024-20_16 Datasheet
239Kb / 4P
   20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-2 PASTERNACK-PE7024-2_16 Datasheet
240Kb / 4P
   2 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-15 PASTERNACK-PE7088-15_16 Datasheet
272Kb / 5P
   15 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-9 PASTERNACK-PE7088-9_16 Datasheet
277Kb / 5P
   9 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com