Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLDC20G10-30LMB Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # PLDC20G10-30LMB
Description  CMOS Generic 24-Pin Reprogrammable Logic Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PLDC20G10-30LMB Datasheet(HTML) 5 Page - Cypress Semiconductor

  PLDC20G10-30LMB Datasheet HTML 1Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 2Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 3Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 4Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 5Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 6Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 7Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 8Page - Cypress Semiconductor PLDC20G10-30LMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
PLDC20G10B
PLDC20G10
Document #: 38-03010 Rev. *A
Page 5 of 14
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage ............................................ –3.0V to +7.0V
Output Current into Outputs (LOW) .............................16 mA
DC Programming Voltage
PLDC20G10B and CG7C323B–A ............................... 13.0V
PLDC20G10 and CG7C323–A.................................... 14.0V
Latch-Up Current ..................................................... >200 mA
Static Discharge Voltage.............................................. >500V
(per MIL-STD-883, Method 8015)
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +75°C
5V
±10%
Military[3]
–55
°C to +125°C
5V
±10%
Industrial
–40
°C to +85°C5V ±10%
Electrical Characteristics Over the Operating Range (Unless Otherwise Noted)[4]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
VIN = VIH or VIL
IOH = –3.2 mA
Com’l/Ind
2.4
V
IOH = –2 mA
Military
VOL
Output LOW Voltage
VCC = Min.,
VIN = VIH or VIL
IOL = 24 mA
Com’l/Ind
0.5
V
IOL = 12 mA
Military
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All Inputs[5]
2.0
V
VIL
Input LOW Level
Guaranteed Input Logical LOW Voltage for All Inputs[5]
0.8
V
IIX
Input Leakage Current
VSS ≤ VIN ≤ VCC
–10
+10
µA
ISC
Output Short Circuit Current VCC = Max., VOUT = 0.5V
[6, 7]
–90
mA
ICC
Power Supply Current
0
≤ V
IN ≤ VCC
VCC = Max.,
IOUT = 0 mA
Unprogrammed Device
Com’l/Ind–15, –20
70
mA
Com’l/Ind–25, –35
55
mA
Military–20, –25
100
mA
Military–30, –40
80
mA
IOZ
Output Leakage Current
VCC = Max., VSS ≤ VOUT ≤ VCC
–100
100
µA
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
10
pF
COUT
Output Capacitance
VIN = 2.0V, VCC = 5.0V
10
pF
Notes:
3. TA is the “instant on” case temperature.
4. See the last page of this specification for Group A subgroup testing information.
5. These are absolute values with respect to device ground. All overshoots due to system or tester noise are included.
6. Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been chosen to avoid
test problems caused by tester ground degradation.
7. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - PLDC20G10-30LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PLDC20RA10 CYPRESS-PLDC20RA10 Datasheet
581Kb / 14P
   Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-15JC CYPRESS-PLDC20RA10-15JC Datasheet
581Kb / 14P
   Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-15PC CYPRESS-PLDC20RA10-15PC Datasheet
581Kb / 14P
   Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-20DMB CYPRESS-PLDC20RA10-20DMB Datasheet
581Kb / 14P
   Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-20PC CYPRESS-PLDC20RA10-20PC Datasheet
581Kb / 14P
   Reprogrammable Asynchronous CMOS Logic Device
More results

Similar Description - PLDC20G10-30LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PLDC20RA10 CYPRESS-PLDC20RA10 Datasheet
581Kb / 14P
   Reprogrammable Asynchronous CMOS Logic Device
PALC22V10L-25PC CYPRESS-PALC22V10L-25PC Datasheet
1Mb / 15P
   Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com