Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J1W-PZHY-Y3Z2-VNBN Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # J1W-PZHY-Y3Z2-VNBN
Description  NagaJo 2025
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

J1W-PZHY-Y3Z2-VNBN Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  J1W-PZHY-Y3Z2-VNBN Datasheet HTML 1Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 2Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 3Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 4Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 5Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 6Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 7Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 8Page - DOMINANT Semiconductors J1W-PZHY-Y3Z2-VNBN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
05/01/2018 V1.0
4
Y3
Z2
Y9
Z8
285.0 ... 325.0
325.0 ... 370.0
305.0 ... 347.0
347.0 ... 396.0
Brightness Group
Luminous Flux Appx. 1.2
(lm)
Luminous Intensity Group at Tj=25˚C
Forward Voltage (V) Appx. 3.1
Vf Bining (Optional)
Vf Bin @ 1A
VD8
VD9
VE1
2.90 ... 3.10
3.10 ... 3.30
3.30 ... 3.50
InGaN White : J1W-PZHY
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Description - J1W-PZHY-Y3Z2-VNBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
   BT 2025 Classic V2
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8DAT WALSIN-RFLPF10051G8DAT Datasheet
551Kb / 7P
   1710 ~ 2025 MHz Working Frequency
SF11092017B3403T WALSIN-SF11092017B3403T Datasheet
639Kb / 8P
   2010~2025 MHz Band Working Frequency
RFLPF10051G8D7T WALSIN-RFLPF10051G8D7T Datasheet
628Kb / 7P
   1880~2025 MHz LTE Band Application
SF14112017B3402T WALSIN-SF14112017B3402T Datasheet
592Kb / 8P
   2010 ~ 2025 MHz Band Working Frequency
RFBPF16081G9DMAT79 WALSIN-RFBPF16081G9DMAT79 Datasheet
613Kb / 7P
   1880 ~ 2025 MHz Band Working Frequency
RFLPF10051G8D6T WALSIN-RFLPF10051G8D6T Datasheet
616Kb / 7P
   2010~2025 MHz LTE Band Working Frequency
logo
M/A-COM Technology Solu...
MAFR-000291-000001 MA-COM-MAFR-000291-000001 Datasheet
95Kb / 2P
   Single Junction SMT Circulator 2010 MHz-2025 MHz
logo
Skyworks Solutions Inc.
SKY77161 SKYWORKS-SKY77161 Datasheet
82Kb / 2P
   PA Module for TD-SCDMA (2010-2025 MHz)
logo
Keystone Electronics Co...
3023 KEYSTONE-3023 Datasheet
222Kb / 1P
   PC COIN CELL CLIP FOR TWO 2020 OR 2025
9.9.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com