Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWZY-KZKG-X2Y-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DWZY-KZKG-X2Y-1
Description  Power DomiLED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWZY-KZKG-X2Y-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DWZY-KZKG-X2Y-1 Datasheet HTML 1Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 2Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 3Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 4Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 5Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 6Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 7Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 8Page - DOMINANT Semiconductors DWZY-KZKG-X2Y-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
07/10/2016 V4.0
4
InGaN Yellow : DWZY-KZKG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Current Vs Forward Voltage
I
F = f(VF); Tj = 25°C
Forward Voltage V
F (V)
Forward Current I
F (mA)
Relative Luminous Intensity Vs Forward Current
I
V/IV(60mA) = f(IF); Tj = 25°C
Temperature T(°C)
Maximum Current Vs Temperature
I
F=f(T)
Forward Current I
F (mA)
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(I
F);Tj = 25°C
Relative Spectral Emission
I
rel = f(λ); Tj = 25°C; IF = 60mA
Wavelength λ (nm)
Duty Ratio, %
Allowable Forward Current Vs Duty Ratio
( T
j = 25°C; tp ≤ 10μs )
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Relative Lumionous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
TA
TS
0
20
40
60
80
100
120
0
20
40
60
80
100
120
TA = Ambient Temperature
TS = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Relative Lumionous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
TA
TS
0
20
40
60
80
100
120
0
20
40
60
80
100
120
TA = Ambient Temperature
TS = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Relative Lumionous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
TA
TS
0
20
40
60
80
100
120
0
20
40
60
80
100
120
TA = Ambient Temperature
TS = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Relative Lumionous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
TA
TS
0
20
40
60
80
100
120
0
20
40
60
80
100
120
TA = Ambient Temperature
TS = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Relative Lumionous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
TA
TS
0
20
40
60
80
100
120
0
20
40
60
80
100
120
TA = Ambient Temperature
TS = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
∆Cx
∆Cy
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0
10
20
30
40
50
60
70
80
Relative Wavelength Shift Vs Forward Current
λdom = f(IF); Tj = 25°C
Forward Current IF (mA)
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)


Similar Part No. - DWZY-KZKG-X2Y-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWZY-KZKG DOMINANT-DWZY-KZKG Datasheet
1Mb / 13P
   High brightness surface mount LED
More results

Similar Description - DWZY-KZKG-X2Y-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWW-KZKG DOMINANT-DWW-KZKG_16 Datasheet
1Mb / 16P
   Power DomiLED
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
   Power DomiLED
DWX-PJG DOMINANT-DWX-PJG_17 Datasheet
1Mb / 14P
   Power DomiLED
DWX-MJS DOMINANT-DWX-MJS_17 Datasheet
1Mb / 15P
   Power DomiLED
DWX-MZJS DOMINANT-DWX-MZJS_18 Datasheet
1Mb / 14P
   Power DomiLED
DWX-MKG DOMINANT-DWX-MKG Datasheet
1Mb / 15P
   Power DomiLED
DWW-KZKG-L1P2 DOMINANT-DWW-KZKG-L1P2 Datasheet
1Mb / 15P
   Power DomiLED
DWX DOMINANT-DWX Datasheet
1Mb / 13P
   Power DomiLED
DWX-PKG DOMINANT-DWX-PKG_16 Datasheet
1Mb / 14P
   Power DomiLED
D6W-VZKG DOMINANT-D6W-VZKG Datasheet
1Mb / 15P
   Extreme Power DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com