Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1DE-TPS05 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GS1DE-TPS05
Description  1.0 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS1DE-TPS05 Datasheet(HTML) 1 Page - Micro Commercial Components

  GS1DE-TPS05 Datasheet HTML 1Page - Micro Commercial Components GS1DE-TPS05 Datasheet HTML 2Page - Micro Commercial Components GS1DE-TPS05 Datasheet HTML 3Page - Micro Commercial Components GS1DE-TPS05 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS1AE-TPS05
THRU
GS1ME-TPS05
1.0 Amp
Silicon Rectifier
50 to 1000 Volts
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GS1AE-T
PS05
GS1A
50V
35V
50V
GS1BE-T
PS05
GS1B
100V
70V
100V
GS1DE-T
PS05
GS1D
200V
140V
200V
GS1GE-T
PS05
GS1
G
400V
280V
400V
GS1JE-T
PS05
GS1
J
600V
420V
600V
GS1KE-T
PS05
GS1
K
800V
560V
800V
GS1ME-T
PS05
GS1
M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
TL = 110
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine,
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
www.mccsemi.com
1 of 4
Features















Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 15
°C/W Junction To Lead





Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
DO-214AC
(SMAE)
0.075”
0.085”
0.095”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.01
2.44
B
.045
.071
1.15
1.80
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
G
.189
.208
4.80
5.30
H
.157
.180
4.00
4.57
J
.090
.115
2.29
2.92
Revision:
D
20
15/01/01
F
.065
.084
1.65
2.13
F
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
For Surface Mount Applications
Extremely Low Thermal Resistance
High Temp Soldering:260
oC for 10 Seconds At Terminals
Vacuum Soldering Process Provides Better Surge Capability
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
TM
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - GS1DE-TPS05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1DE MCC-GS1DE Datasheet
252Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1DE MCC-GS1DE Datasheet
270Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1DE MCC-GS1DE Datasheet
296Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - GS1DE-TPS05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE_15 Datasheet
296Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE Datasheet
252Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1ME-TP MCC-GS1ME-TP Datasheet
270Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_13 Datasheet
168Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com