Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWW-KZKG-L1P2 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DWW-KZKG-L1P2
Description  Power DomiLED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWW-KZKG-L1P2 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DWW-KZKG-L1P2 Datasheet HTML 1Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 2Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 3Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 4Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 5Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 6Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 7Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 8Page - DOMINANT Semiconductors DWW-KZKG-L1P2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Luminous Intensity Group at Tj=25˚C
17/05/2017 V1.0
5
Forward Voltage V
F (V)
Forward Current I
F (mA)
Relative Luminous Intensity Vs Forward Current
I
V/IV(60mA) = f(IF); Tj = 25°C
Temperature T(°C)
Maximum Current Vs Temperature
I
F=f(T)
Relative Spectral Emission
I
rel = f(λ); Tj = 25°C; IF = 60mA
Wavelength λ (nm)
Allowable Forward Current Vs Duty Ratio
( T
j = 25°C; tp 10μs )
Forward Current I
F (mA
Duty Ratio, %
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ts
Ta
T= Ambient Temperature
T= Solder Point Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50 -30 -10 10
30
50
70
90 110 130 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 60mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 60mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ts
Ta
T= Ambient Temperature
T= Solder Point Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50 -30 -10 10
30
50
70
90 110 130 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 60mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 60mA
Forward Current Vs Forward Voltage
I
F = f(VF); Tj = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ts
Ta
T= Ambient Temperature
T= Solder Point Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50 -30 -10 10
30
50
70
90 110 130 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 60mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 60mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ts
Ta
T= Ambient Temperature
T= Solder Point Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50 -30 -10 10
30
50
70
90 110 130 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 60mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Forward Current
IV/IV(60mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 60mA
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 60mA
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0
10
20
30
40
50
60
70
80
-5.00
-4.00
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
4.00
5.00
0
30
60
90 120 150 180 210 240 270 300
Relative Wavelength Shift Vs Forward
Current
Forward Current IF (mA)
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50 -30 -10 10
30
50
70
90 110 130 150
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0.030
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Wavelength Vs Junction Temperature
∆λdom = λdom - λdom (25°C) = f(Tj); IF = 50mA
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(Tj); IF = 60mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
∆Cx
∆Cy
∆Cx
∆Cy
Items to check:
1. Rated Current in each graph title
2. Relative value=1 @ rated current
3. Typ Vf @ rated current
4. Relative value=1 @ 25C degree
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0
10
20
30
40
50
60
70
80
-5.00
-4.00
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
4.00
5.00
0
30
60
90 120 150 180 210 240 270 300
Relative Wavelength Shift Vs Forward
Current
Forward Current IF (mA)
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50 -30 -10 10
30
50
70
90 110 130 150
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0.030
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Wavelength Vs Junction Temperature
∆λdom = λdom - λdom (25°C) = f(Tj); IF = 50mA
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(Tj); IF = 60mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
∆Cx
∆Cy
∆Cx
∆Cy
Items to check:
1. Rated Current in each graph title
2. Relative value=1 @ rated current
3. Typ Vf @ rated current
4. Relative value=1 @ 25C degree
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(I
F);Tj = 25°C
DWW-KZKG-L1P2
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DWW-KZKG-L1P2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWW-KZKG-Y2Z-1 DOMINANT-DWW-KZKG-Y2Z-1 Datasheet
1Mb / 16P
   Power DomiLED
More results

Similar Description - DWW-KZKG-L1P2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWW-KZKG DOMINANT-DWW-KZKG_16 Datasheet
1Mb / 16P
   Power DomiLED
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
   Power DomiLED
DWX-PJG DOMINANT-DWX-PJG_17 Datasheet
1Mb / 14P
   Power DomiLED
DWX-MJS DOMINANT-DWX-MJS_17 Datasheet
1Mb / 15P
   Power DomiLED
DWX-MZJS DOMINANT-DWX-MZJS_18 Datasheet
1Mb / 14P
   Power DomiLED
DWZY-KZKG DOMINANT-DWZY-KZKG_16 Datasheet
1Mb / 15P
   Power DomiLED
DWX-MKG DOMINANT-DWX-MKG Datasheet
1Mb / 15P
   Power DomiLED
DWX DOMINANT-DWX Datasheet
1Mb / 13P
   Power DomiLED
DWX-PKG DOMINANT-DWX-PKG_16 Datasheet
1Mb / 14P
   Power DomiLED
D6W-VZKG DOMINANT-D6W-VZKG Datasheet
1Mb / 15P
   Extreme Power DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com