Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP63NQ03LT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHP63NQ03LT
Description  TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP63NQ03LT Datasheet(HTML) 2 Page - NXP Semiconductors

  PHP63NQ03LT Datasheet HTML 1Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHP63NQ03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD63NQ03LT
TrenchMOS™ logic level FET
Product data
Rev. 01 — 14 June 2002
2 of 14
9397 750 09822
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
3.
Limiting values
Table 2:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ T
j ≤ 175 °C
-
30
V
VDGR
drain-gate voltage (DC)
25
°C ≤ T
j ≤ 175 °C; RGS =20kΩ
-30
V
VGS
gate-source voltage (DC)
-
±20
V
VGSM
peak gate-source voltage
tp ≤ 50 µs; pulsed; duty cycle = 25 %
-
±25
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V; Figure 2 and 3
-
68.9
A
Tmb = 100 °C; VGS =10V; Figure 2
-
48.7
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-
240
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
111
W
Tstg
storage temperature
−55
+175
°C
Tj
junction temperature
−55
+175
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tmb =25 °C
-
68.9
A
ISM
peak source (diode forward) current Tmb =25 °C; pulsed; tp ≤ 10 µs
-
48.7
A


Similar Part No. - PHP63NQ03LT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PHP60 MICROSEMI-PHP60 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Protek Devices
PHP60 PROTEC-PHP60 Datasheet
72Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
logo
Sensitron
PHP60 SENSITRON-PHP60 Datasheet
52Kb / 3P
   Transient Voltage Suppressor, Unidirectional
logo
Protek Devices
PHP60 PROTEC-PHP60 Datasheet
61Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
PHP60 PROTEC-PHP60 Datasheet
377Kb / 5P
   ac power bus voltage suppressor
More results

Similar Description - PHP63NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com